Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT16LD1664A Datasheet(PDF) 8 Page - Micron Technology

Part # MT16LD1664A
Description  DRAM MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LD1664A Datasheet(HTML) 8 Page - Micron Technology

Back Button MT16LD1664A Datasheet HTML 4Page - Micron Technology MT16LD1664A Datasheet HTML 5Page - Micron Technology MT16LD1664A Datasheet HTML 6Page - Micron Technology MT16LD1664A Datasheet HTML 7Page - Micron Technology MT16LD1664A Datasheet HTML 8Page - Micron Technology MT16LD1664A Datasheet HTML 9Page - Micron Technology MT16LD1664A Datasheet HTML 10Page - Micron Technology MT16LD1664A Datasheet HTML 11Page - Micron Technology MT16LD1664A Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
8, 16, 32 Meg x 64 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM78.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
8, 16, 32 MEG x 64
NONBUFFERED DRAM DIMMs
SERIAL PRESENCE-DETECT MATRIX
BYTE
DESCRIPTION
ENTRY (VERSION) BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
HEX
0
NUMBER OF BYTES USED BY MICRON
128
10000000
80
1
TOTALNUMBEROFSPDMEMORYBYTES
256
00001000
08
2
MEMORY TYPE
EDO PAGE MODE
00000010
02
3
NUMBER OF ROW ADDRESSES
12
00001100
0C
4
NUMBER OF COLUMN ADDRESSES
11 (64MB)
00001011
0B
12(128MB,256MB)
00001100
0C
5
NUMBER OF BANKS
1 (64MB, 128MB)
00000001
01
2 (256MB)
00000010
02
6
DATAWIDTH
x64
01000000
40
7
DATA WIDTH (continued)
NONE
00000000
00
8
VOLTAGE INTERFACE
LVTTL
00000001
01
9
RAS# ACCESS TIME (tRAC)
50ns (-5)
00110010
32
60ns (-6)
00111100
3C
10
CAS# ACCESS TIME (tCAC)
13ns (-5)
00001101
0D
15ns (-6)
00001111
0F
11
MODULE CONFIGURATION TYPE
NONPARITY
00000000
00
12
REFRESH RATES
15.625µs/NORMAL
00000000
00
13
DRAMWIDTH(PRIMARYDRAM)
x8 (64MB)
00001000
08
x4(128MB,256MB)
00010000
10
14
ERRORCHECKINGDRAMDATAWIDTH
NONE
00000000
00
15-61
RESERVED
00000000
00
62
SPD REVISION
REV. 0
00000000
00
63
CHECKSUM FOR BYTES 0-62
64MB -5
00101010
2A
64MB -6
00110110
36
128MB -5
00110011
33
128MB -6
00111111
3F
256MB -5
00110100
34
256MB -6
01000000
40
64
MANUFACTURER’S JEDEC ID CODE
MICRON
00101100
2C
65-71
MANUFACTURER’S JEDEC CODE (CONT.)
11111111
FF
72
MANUFACTURINGLOCATION
00000001
01
00000010
02
00000011
03
00000100
04
73-90
MODULE PART NUMBER (ASCII)
xxxxxxxx
xx
91
PCB IDENTIFICATION CODE
1
00000001
01
2
00000010
02
3
00000011
03
4
00000100
04
92
IDENTIFICATION CODE (CONT.)
0
00000000
00
93
YEAR OF MANUFACTURE IN BCD
xxxxxxxx
xx
94
WEEK OF MANUFACTURE IN BCD
xxxxxxxx
xx
95-98
MODULE SERIAL NUMBER
xxxxxxxx
xx
99-125 MANUFACTURE SPECIFIC DATA (RSVD)
–––––––––
NOTE: 1. “1”/“0”: Serial Data, “driven to HIGH”/“driven to LOW.”
2. x = Variable Data.


Similar Part No. - MT16LD1664A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDF3264LHG-10E MICRON-MT16LSDF3264LHG-10E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHG-133 MICRON-MT16LSDF3264LHG-133 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHG-13E MICRON-MT16LSDF3264LHG-13E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHY-10E MICRON-MT16LSDF3264LHY-10E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHY-133 MICRON-MT16LSDF3264LHY-133 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
More results

Similar Description - MT16LD1664A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT9LSDT872 MICRON-MT9LSDT872 Datasheet
320Kb / 18P
   SYNCHRONOUS DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com