Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LDT464HS Datasheet(PDF) 9 Page - Micron Technology

Part # MT4LDT464HS
Description  SMALL-OUTLINE DRAM MODULE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LDT464HS Datasheet(HTML) 9 Page - Micron Technology

Back Button MT4LDT464HS Datasheet HTML 5Page - Micron Technology MT4LDT464HS Datasheet HTML 6Page - Micron Technology MT4LDT464HS Datasheet HTML 7Page - Micron Technology MT4LDT464HS Datasheet HTML 8Page - Micron Technology MT4LDT464HS Datasheet HTML 9Page - Micron Technology MT4LDT464HS Datasheet HTML 10Page - Micron Technology MT4LDT464HS Datasheet HTML 11Page - Micron Technology MT4LDT464HS Datasheet HTML 12Page - Micron Technology MT4LDT464HS Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
4, 8 Meg x 64 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM83.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
9
4, 8 MEG x 64
DRAM SODIMMs
ICC OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 5, 6) (VDD = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL SIZE
-5
-6
UNITS NOTES
STANDBY CURRENT: TTL
ICC1
32MB
4
4
mA
(RAS# = CAS# = VIH)
64MB
8
8
STANDBY CURRENT: CMOS
ICC2
32MB
2
2
mA
26
(RAS# = CAS# = VDD - 0.2V)
64MB
4
4
OPERATING CURRENT: Random READ/WRITE
32MB
700
660
mA
3, 22
Average power supply current
ICC3
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
64MB
1400
1320
OPERATING CURRENT: FAST PAGE MODE
Average power supply current
ICC4
32MB
420
380
mA
3, 22
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN];
64MB
840
760
tCP, tASC = 10ns)
OPERATING CURRENT: EDO PAGE MODE
32MB
620
500
mA
3, 22
Average power supply current
ICC5
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
(X only)
64MB
1200
1000
REFRESH CURRENT: RAS#-ONLY
32MB
700
660
Average power supply current
ICC6
mA
3, 22
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
64MB
1400
1320
REFRESH CURRENT: CBR
32MB
700
660
Average power supply current
ICC7
mA
3, 4
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
64MB
880
800
REFRESH CURRENT: Extended (“S” version only)
Average power supply current: CAS# = 0.2V or CBR cycling;
ICC8
32MB
1.6
1.6
mA
3, 4, 5
RAS# = tRAS (MIN); WE# = VDD - 0.2V; A0-A11,
64MB
3.2
3.2
OE# and DIN = VDD - 0.2V or 0.2V (DIN may be left open)
REFRESH CURRENT: Self (“S” version only)
Average power supply current: CBR with RAS#
ICC9
32MB
1.6
1.6
mA
3, 4, 5
tRASS (MIN) and CAS# held LOW; WE# = VDD - 0.2V; A0-A11,
64MB
2.4
2.4
OE# and DIN = VDD - 0.2V or 0.2V (DIN may be left open)
MAX
CAPACITANCE
PARAMETER
SYMBOL 32MB 64MB UNITS NOTES
Input Capacitance: A0-A11
CI1
24
46
p F
2
Input Capacitance: WE#, OE#, RAS0#
CI2
32
62
p F
2
Input Capacitance: CAS0#-CAS7#, SCL
CI3
10
10
p F
2
Input/Output Capacitance: DQ0-DQ63
CIO1
10
18
p F
2
Input/Output Capacitance: SDA
CIO2
10
10
p F
2
MAX


Similar Part No. - MT4LDT464HS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LDT832HG-5X MICRON-MT4LDT832HG-5X Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT832HG-5XS MICRON-MT4LDT832HG-5XS Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT832HG-6X MICRON-MT4LDT832HG-6X Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT832HG-6XS MICRON-MT4LDT832HG-6XS Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
More results

Similar Description - MT4LDT464HS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com