Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8LDT864HXS Datasheet(PDF) 1 Page - Micron Technology

Part # MT8LDT864HXS
Description  SMALL-OUTLINE DRAM MODULE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8LDT864HXS Datasheet(HTML) 1 Page - Micron Technology

  MT8LDT864HXS Datasheet HTML 1Page - Micron Technology MT8LDT864HXS Datasheet HTML 2Page - Micron Technology MT8LDT864HXS Datasheet HTML 3Page - Micron Technology MT8LDT864HXS Datasheet HTML 4Page - Micron Technology MT8LDT864HXS Datasheet HTML 5Page - Micron Technology MT8LDT864HXS Datasheet HTML 6Page - Micron Technology MT8LDT864HXS Datasheet HTML 7Page - Micron Technology MT8LDT864HXS Datasheet HTML 8Page - Micron Technology MT8LDT864HXS Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4, 8 Meg x 64 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM83.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
1
4, 8 MEG x 64
DRAM SODIMMs
SMALL-OUTLINE
DRAM MODULE
FEATURES
• JEDEC pinout in a 144-pin, small-outline, dual in-
line memory module (SODIMM)
• 32MB (4 Meg x 64) and 64MB (8 Meg x 64)
• High-performance CMOS silicon-gate process
• Single +3.3V ±0.3V power supply
• All inputs, outputs and clocks are TTL-compatible
• 4,096-cycle CAS#-BEFORE-RAS# (CBR) refresh
distributed across 64ms
• FAST PAGE MODE (FPM) or Extended Data-Out
(EDO) PAGE MODE access cycles
• Optional Self Refresh Mode (S)
• Serial presence-detect (SPD)
OPTIONS
MARKING
• Package
144-pin SODIMM (gold)
G
• Timing
50ns access
-5
60ns access
-6
• Access Cycles
FAST PAGE MODE
None
EDO PAGE MODE
X
• Refresh Rates
Standard Refresh
None
Self Refresh (128ms period)
S *
*Contact factory for availability
MT4LDT464H (X)(S), MT8LDT864H (X)(S)
For the latest data sheet, please refer to the Micron Web
site: www.micronsemi.com/datasheets/datasheet.html
PIN ASSIGNMENT (Front View)
144-Pin Small-Outline DIMM
(I-1; 32MB)
(I-2; 64MB)
PIN
FRONT
PIN
BACK
PIN
FRONT
PIN
BACK
1VSS
2VSS
73
OE#
74
RFU
3
DQ0
4
DQ32
75
VSS
76
VSS
5
DQ1
6
DQ33
77
RSVD
78
RSVD
7
DQ2
8
DQ34
79
RSVD
80
RSVD
9
DQ3
10
DQ35
81
VDD
82
VDD
11
VDD
12
VDD
83
DQ16
84
DQ48
13
DQ4
14
DQ36
85
DQ17
86
DQ49
15
DQ5
16
DQ37
87
DQ18
88
DQ50
17
DQ6
18
DQ38
89
DQ19
90
DQ51
19
DQ7
20
DQ39
91
VSS
92
VSS
21
VSS
22
VSS
93
DQ20
94
DQ52
23
CAS0#
24
CAS4#
95
DQ21
96
DQ53
25
CAS1#
26
CAS5#
97
DQ22
98
DQ54
27
VDD
28
VDD
99
DQ23
100
DQ55
29
A0
30
A3
101
VDD
102
VDD
31
A1
32
A4
103
A6
104
A7
33
A2
34
A5
105
A8
106
A11
35
VSS
36
VSS
107
VSS
108
VSS
37
DQ8
38
DQ40
109
A9
110
NC (A12)
39
DQ9
40
DQ41
111
A10
112
NC (A13)
41
DQ10
42
DQ42
113
VDD
114
VDD
43
DQ11
44
DQ43
115
CAS2#
116
CAS6#
45
VDD
46
VDD
117
CAS3#
118
CAS7#
47
DQ12
48
DQ44
119
VSS
120
VSS
49
DQ13
50
DQ45
121
DQ24
122
DQ56
51
DQ14
52
DQ46
123
DQ25
124
DQ57
53
DQ15
54
DQ47
125
DQ26
126
DQ58
55
VSS
56
VSS
127
DQ27
128
DQ59
57
RSVD
58
RSVD
129
VDD
130
VDD
59
RSVD
60
RSVD
131
DQ28
132
DQ60
61
RFU
62
RFU
133
DQ29
134
DQ61
63
VDD
64
VDD
135
DQ30
136
DQ62
65
RFU
66
RFU
137
DQ31
138
DQ63
67
WE#
68
RFU
139
VSS
140
VSS
69
RAS0#
70
NC
141
SDA
142
SCL
71
NC
72
NC
143
VDD
144
VDD
NOTE:
Symbols in parentheses are not used on these modules but
may be used for other modules in this product family. They
are for reference only.
KEY TIMING PARAMETERS
FPM Operating Mode
SPEED
tRC
tRAC
tPC
tAA
tCAC
tRP
-5
90ns
50ns
30ns
25ns
13ns
30ns
-6
110ns
60ns
35ns
30ns
15ns
40ns
EDO Operating Mode
SPEED
tRC
tRAC
tPC
tAA
tCAC
tCAS
-5
84ns
50ns
20ns
25ns
13ns
8ns
-6
104ns
60ns
25ns
30ns
15ns
10ns


Similar Part No. - MT8LDT864HXS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LD864A MICRON-MT8LD864A Datasheet
518Kb / 27P
   DRAM MODULE
MT8LD864AG-5X MICRON-MT8LD864AG-5X Datasheet
518Kb / 27P
   DRAM MODULE
MT8LD864AG-6X MICRON-MT8LD864AG-6X Datasheet
518Kb / 27P
   DRAM MODULE
More results

Similar Description - MT8LDT864HXS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com