Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LDT832HG-5X Datasheet(PDF) 7 Page - Micron Technology

Part # MT4LDT832HG-5X
Description  SMALL-OUTLINE DRAM MODULE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LDT832HG-5X Datasheet(HTML) 7 Page - Micron Technology

Back Button MT4LDT832HG-5X Datasheet HTML 3Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 4Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 5Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 6Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 7Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 8Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 9Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 10Page - Micron Technology MT4LDT832HG-5X Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
4, 8 Meg x 32 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM89.p65 – Rev. 12/98
©1998, Micron Technology, Inc.
4, 8 MEG x 32
DRAM SODIMMs
ADVANCE
IDD OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 5, 6) (VDD = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL
SIZE
-5
-6
UNITS NOTES
STANDBY CURRENT: TTL
IDD1
16MB
2
2
mA
(RAS# = CAS# = VIH)
32MB
4
4
STANDBY CURRENT: CMOS
16MB
1
1
mA
(RAS# = CAS# • VDD - 0.2V; DQs may be left open;
IDD2
32MB
2
2
Other inputs: VIN • VDD - 0.2V or VIN £ 0.2V)
OPERATING CURRENT: Random READ/WRITE
16MB
350
330
mA
3, 22
Average power supply current
IDD3
32MB
352
332
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
OPERATING CURRENT: FAST PAGE MODE
16MB
210
190
mA
3, 22
Average power supply current
IDD4
32MB
212
192
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
OPERATING CURRENT: EDO PAGE MODE (“X” version only)
IDD5
16MB
310
250
mA
3, 22
Average power supply current
(X only) 32MB
312
252
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
REFRESH CURRENT: RAS#-ONLY
16MB
350
330
mA
3, 22
Average power supply current
IDD6
32MB
352
332
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
REFRESH CURRENT: CBR
16MB
350
330
mA
3, 4
Average power supply current
IDD7
32MB
352
332
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
REFRESH CURRENT: SELF (“S” version only)
Average power supply current: CBR with RAS# • tRASS
IDD8
16MB
0.8
0.8
mA
3, 4
(MIN) and CAS# held LOW; WE# = VDD - 0.2V; A0-A11,
(S only) 32MB
1.6
1.6
OE# and DIN = VDD - 0.2V or 0.2V (DIN may be left open)
MAX
CAPACITANCE
PARAMETER
SYMBOL 16MB
32MB
UNITS NOTES
Input Capacitance: A0-A11
CI1
14
24
p F
2
Input Capacitance: WE#
CI2
18
32
p F
2
Input Capacitance: RAS0#-RAS3#
CI3
10
10
p F
2
Input Capacitance: CAS0#-CAS3#
CI4
10
18
p F
2
Input/Output Capacitance: DQ0-DQ31
CIO
10
18
p F
2
MAX


Similar Part No. - MT4LDT832HG-5X

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464HS MICRON-MT4LDT464HS Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464HX MICRON-MT4LDT464HX Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464HXS MICRON-MT4LDT464HXS Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results

Similar Description - MT4LDT832HG-5X

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com