Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP1250 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MSP1250
Description  Power Converter 150kHz 3A Step-down Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP1250 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MSP1250
Power Converter 150kHz 3A
Step-down Voltage Regulator
All Output Voltage Versions Electrical Characteristics
(Condition :TJ = 25℃)
MSP1250—XX
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 3)
Max
(Note4
Units
DEVICE PARAMETERS
Ib
Feedback Bias
Current
Adjustable
Version
Only, VFB = 1.3V
--
10
100
nA
fO
Oscillator
Frequency
(Note 6)
110
150
173
KHz
VSAT
VSAT Saturation
Voltage
IOUT=3A(Notes 7, 8)
--
1.16
1.5
V
Max
Duty
Cycle
(ON)
(Note 8)
--
100
--
%
DC
Min
Duty
Cycle
(OFF)
(Note 9)
--
0
--
%
ICL
Current Limit
Peak Current
(Notes 7, 8)
3.4
4.5
7.5
A
Output = 0V
(Notes 7, 9)
--
--
50
μA
IL
Output Leakage
Current
Output =-1V
(Notes 10)
--
2
30
mA
IQ
Quiescent Current
(Note 9)
--
5
10
mA
ISTBY
Standby Quiescent
Current
ON/OFF pin = 5V (OFF)
(Note 10)
--
80
250
μA
θJC
TO-220 or TO-263
Junction to Case
--
2
--
℃/W
θJA
TO-220
Package,Junction to
Ambient(Note 11)
--
50
--
℃/W
θJA
TO-263 Package,
Junction to Ambient
(Note 12)
--
50
--
℃/W
θJA
TO-263
Package,Junction to
Ambient(Note 13)
--
30
--
℃/W
θJA
Thermal
Resistance
TO-263 Package,
Junction to
Ambient(Note 14)
--
20
--
℃/W
CONTROL Test Circuit Figure 1
ON /OFF Pin Logic
Input
--
1.3
--
V
VIH
Low (Regulator on)
--
--
0.6
V
VIL
Threshold Voltage
High(Regulator off)
--
--
2.0
V
IH
VLOGIC=2.5V (Regulator
OFF)
--
5
15
μA
IL
ON /OFF Pin Input
Current
VLOGIC=0.5V
(Regulator ON)
--
0.02
5
μA


Similar Part No. - MSP1250

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
MSP1250G BOOKLY-MSP1250G Datasheet
616Kb / 10P
   Step-down Voltage Converter
More results

Similar Description - MSP1250

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com