Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOS6020-474MXC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MOS6020-474MXC
Description  SMT Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOS6020-474MXC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MOS6020-474MXC Datasheet HTML 1Page - List of Unclassifed Manufacturers MOS6020-474MXC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document 287-2
SMT Power Inductors - MOS6020 Series
Typical L vs Frequency
Typical L vs Current
Specifications subject to change without notice.
Document 287-2
Revised 07/30/04
0.1
10000
1000
0.1
1
10
Current (A)
1
10
100
2.2 µH
10 µH
470 µH
100 µH
0.095
2,4
0.24
6,0
max
0.28
7,1
max
max
0.18
4,5
0.030
0,75
typ
typ
min
0.100
2.54
0.170
4,32
max
0.280
7,10
min
Recommended
Land Pattern
Tape and reel:
500/7
″ reel; 2000/13″ reel 16 mm tape width
For packaging data see Tape and Reel Specifications section.


Similar Part No. - MOS6020-474MXC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MOS6020-474ML COILCRAFT-MOS6020-474ML Datasheet
201Kb / 2P
   SMT Power Inductors
MOS6020-474ML COILCRAFT-MOS6020-474ML Datasheet
195Kb / 2P
   Shielded Power Inductors ??MOS6020
MOS6020-474ML COILCRAFT-MOS6020-474ML Datasheet
195Kb / 2P
   Shielded Power Inductors ??MOS6020
MOS6020-474ML COILCRAFT-MOS6020-474ML Datasheet
456Kb / 2P
   Shielded Power Inductors
logo
List of Unclassifed Man...
MOS6020-474MLB ETC2-MOS6020-474MLB Datasheet
202Kb / 1P
   Kit Contents for C359: MOS6020 Power Inductors
More results

Similar Description - MOS6020-474MXC

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com