Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V16160F Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM51V16160F
Description  1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16160F Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM51V16160F Datasheet HTML 3Page - OKI electronic componets MSM51V16160F Datasheet HTML 4Page - OKI electronic componets MSM51V16160F Datasheet HTML 5Page - OKI electronic componets MSM51V16160F Datasheet HTML 6Page - OKI electronic componets MSM51V16160F Datasheet HTML 7Page - OKI electronic componets MSM51V16160F Datasheet HTML 8Page - OKI electronic componets MSM51V16160F Datasheet HTML 9Page - OKI electronic componets MSM51V16160F Datasheet HTML 10Page - OKI electronic componets MSM51V16160F Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FEDD51V16160F-02
1Semiconductor
MSM51V16160F
7/16
AC CHARACTERISTICS (2/2)
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C) Note1,2,3
MSM51V16160
F-50
MSM51V16160
F-60
MSM51V16160
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Row Address Hold Time
tRAH
7
10
10
ns
Column Address Set-up Time
tASC
0
0
0
ns
11
Column Address Hold Time
tCAH
7
10
15
ns
11
Column Address to
RAS Lead Time
tRAL
25
30
35
ns
Read Command Set-up Time
tRCS
0
0
0
ns
11
Read Command Hold Time
tRCH
0
0
0
ns
8, 11
Read Command Hold Time
referenced to
RAS
tRRH
0
0
0
ns
8
Write Command Set-up Time
tWCS
0
0
0
ns
9, 11
Write Command Hold Time
tWCH
7
10
15
ns
11
Write Command Pulse Width
tWP
7
10
10
ns
OE Command Hold Time
tOEH
13
15
20
ns
Write Command to
RAS Lead Time
tRWL
13
15
20
ns
Write Command to
CAS Lead Time
tCWL
13
15
20
ns
13
Data-in Set-up Time
tDS
0
0
0
ns
10, 11
Data-in Hold Time
tDH
7
10
15
ns
10, 11
OE to Data-in Delay Time
tOED
13
15
20
ns
CAS to WE Delay Time
tCWD
36
40
50
ns
9
Column Address to
WE Delay Time
tAWD
48
55
65
ns
9
RAS to WE Delay Time
tRWD
73
85
100
ns
9
CAS Precharge WE Delay Time
tCPWD
53
60
70
ns
9
CAS Active Delay Time from RAS
Precharge
tRPC
5
5
5
ns
11
RAS to CAS Set-up Time
(
CAS before RAS)
tCSR
5
5
5
ns
11
RAS to CAS Hold Time
(
CAS before RAS)
tCHR
10
10
10
ns
12


Similar Part No. - MSM51V16160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160DSL OKI-MSM51V16160DSL Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160D OKI-MSM51V18160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160F OKI-MSM51V18160F Datasheet
177Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com