Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11A8BCFN2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68HC11A8BCFN2
Description  HCMOS Single-Chip Microcontroller
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC11A8BCFN2 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68HC11A8BCFN2 Datasheet HTML 1Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 2Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 3Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 4Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 5Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 6Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 7Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 8Page - Motorola, Inc MC68HC11A8BCFN2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 158 page
background image
MOTOROLA
MC68HC11A8
iv
TECHNICAL DATA
3.5.2
Programming/Erasing Internal EEPROM .......................................... 3-7
3.5.2.1
Read .......................................................................................... 3-7
3.5.2.2
Programming ............................................................................. 3-7
3.5.2.3
Bulk Erase ................................................................................. 3-8
3.5.2.4
Row Erase ................................................................................. 3-8
3.5.2.5
Byte Erase ................................................................................. 3-9
3.5.3
System Configuration Register (CONFIG) ........................................ 3-9
3.5.3.1
Programming and Erasure of the CONFIG Register ............... 3-10
3.5.3.2
Operation of the Configuration Mechanism ............................. 3-12
4 PARALLEL I/O
4.1
General-Purpose I/O (Ports C and D) ....................................................... 4-1
4.2
Fixed Direction I/O (Ports A, B, and E) ...................................................... 4-1
4.3
Simple Strobed I/O .................................................................................... 4-2
4.3.1
Strobed Input Port C .......................................................................... 4-2
4.3.2
Strobed Output Port B ....................................................................... 4-2
4.4
Full Handshake I/O .................................................................................... 4-2
4.4.1
Input Handshake Protocol ................................................................. 4-3
4.4.2
Output Handshake Protocol .............................................................. 4-3
4.5
Parallel I/O Control Register (PIOC) ......................................................... 4-4
5 SERIAL COMMUNICATIONS INTERFACE
5.1
Overview and Features ............................................................................. 5-1
5.1.1
SCI Two-Wire System Features ........................................................ 5-1
5.1.2
SCI Receiver Features ...................................................................... 5-1
5.1.3
SCI Transmitter Features .................................................................. 5-1
5.2
Data Format .............................................................................................. 5-1
5.3
Wake-Up Feature ...................................................................................... 5-2
5.4
Receive Data (RxD) .................................................................................. 5-2
5.5
Start Bit Detection ..................................................................................... 5-3
5.6
Transmit Data (TxD) .................................................................................. 5-5
5.7
Functional Description ............................................................................... 5-5
5.8
SCI Registers ............................................................................................ 5-5
5.8.1
Serial Communications Data Register (SCDR) ................................. 5-6
5.8.2
Serial Communications Control Register 1 (SCCR1) ........................ 5-8
5.8.3
Serial Communications Control Register 2 (SCCR2) ........................ 5-8
5.8.4
Serial Communications Status Register (SCSR) ............................ 5-10
5.8.5
Baud Rate Register (BAUD) ............................................................ 5-11
6 SERIAL PERIPHERAL INTERFACE
6.1
Overview and Features ............................................................................. 6-1
6.2
SPI Signal Descriptions ............................................................................. 6-1
6.2.1
Master In Slave Out (MISO) .............................................................. 6-1
6.2.2
Master Out Slave In (MOSI) .............................................................. 6-1
6.2.3
Serial Clock (SCK) ............................................................................ 6-2


Similar Part No. - MC68HC11A8BCFN2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8 MOTOROLA-MC68HC11A8 Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11A8 FREESCALE-MC68HC11A8 Datasheet
1Mb / 242P
   HC11 Microcontrollers
logo
Motorola, Inc
MC68HC11A8 MOTOROLA-MC68HC11A8 Datasheet
3Mb / 268P
   8-channel, 8-bit analog-to-digital (A/D) converter
logo
Freescale Semiconductor...
MC68HC11A8 FREESCALE-MC68HC11A8 Datasheet
3Mb / 52P
   8-Bit Microcontrollers
MC68HC11A8 FREESCALE-MC68HC11A8 Datasheet
3Mb / 52P
   8-Bit Micro controllers
More results

Similar Description - MC68HC11A8BCFN2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05BD3 MOTOROLA-MC68HC05BD3 Datasheet
864Kb / 112P
   HCMOS microcontroller
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com