Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCK22-8 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MCK22-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MCK22-8 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MCK22-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCK22-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
θ = 30
o
θ = 90
o
θ = 60
o
θ = 180
o
θ = 120
o
Average On-State Current [A]
-40
-20
0
20
40
60
80
100
120
140
1
2
3
4
5
6
7
8
9
10
Junction Temperature [ ]
4/5
MCK22-8
Fig 8. Power Dissipation
Fig 7. Typical Holding Current


Similar Part No. - MCK22-8

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
MCK22-8 SEMIWELL-MCK22-8 Datasheet
558Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Tiger Electronic Co.,Lt...
MCK22-8 TGS-MCK22-8 Datasheet
319Kb / 4P
   Sensitive Gate Silicon Gontrolled Rectifierc
logo
Guangdong Kexin Industr...
MCK22-8 KEXIN-MCK22-8 Datasheet
2Mb / 3P
   SCR Thyristor
logo
SemiHow Co.,Ltd.
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
   Repetitive Peak Off-State Voltage
More results

Similar Description - MCK22-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com