Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX541DTR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVX541DTR2
Description  Octal Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX541DTR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVX541DTR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX541DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LVX541
http://onsemi.com
3
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
– 0.5 to + 7.0
V
Vin
DC Input Voltage
– 0.5 to + 7.0
V
Vout
DC Output Voltage
– 0.5 to VCC + 0.5
V
IIK
Input Diode Current
– 20
mA
IOK
Output Diode Current
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may
adversely affect device reliability. Functional operation under absolute–maximum–rated
conditions is not implied.
†Derating — SOIC Packages: – 7 mW/
°C from 65° to 125°C
TSSOP Package: – 6.1 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
–40
+ 85
°C
tr, tf
Input Rise and Fall Time
VCC = 3.3V ±0.3V
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = – 40 to 85°C
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
Minimum High–Level Input Voltage
2.0
3.0
3.6
1.50
2.0
2.4
1.50
2.0
2.4
V
VIL
Maximum Low–Level Input Voltage
2.0
3.0
3.6
0.50
0.80
0.80
0.50
0.80
0.80
V
VOH
Minimum High–Level Output Voltage
Vi =VIH or VIL
IOH = – 50 mA
IOH =–50 mA
2.0
30
1.9
29
2.0
30
1.9
29
V
Vin = VIH or VIL
IOH = – 50 mA
IOH = – 4 mA
3.0
3.0
2.9
2.58
3.0
2.9
2.48
VOL
Maximum Low–Level Output Voltage
Vi =VIH or VIL
IOL = 50 mA
IOL =50 mA
2.0
30
0.0
00
0.1
01
0.1
01
V
Vin = VIH or VIL
IOL = 50 mA
IOL = 4 mA
3.0
3.0
0.0
0.1
0.36
0.1
0.44
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high–impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND
v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74LVX541DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX541DTR2 ONSEMI-MC74LVX541DTR2 Datasheet
101Kb / 8P
   Octal Bus Buffer
March, 2005 ??Rev. 2
MC74LVX541DTR2G ONSEMI-MC74LVX541DTR2G Datasheet
138Kb / 7P
   Octal Bus Buffer
May, 2011 ??Rev. 4
MC74LVX541DTR2G ONSEMI-MC74LVX541DTR2G Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX541DTR2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com