Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS2550CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRS2550CT
Description  25.0 AMPS. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRS2550CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRS2550CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRS2550CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 154 -
MBRS2535CT THRU MBRS2560CT
25.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 60 Volts
Current
25.0 Amperes
Features
For surface mounted application
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds at terminals
Mechanical Data
Cases: JEDEC D
2PAK molded plastic
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.06 ounce, 1.70 grams
D
2PAK
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBRS
2535CT
MBRS
2545CT
MBRS
2550CT
MBRS
2560CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
V
Maximum RMS Voltage
VRMS
24
31
35
42
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
V
Maximum Average Forward Rectified Current at
TC=130
oC
I(AV)
25
A
Peak Repetitive Forward Current (Rated VR, Square
Wave, 20KHz) at Tc=130
oC
IFRM
25.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
200
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=12.5A, Tc=25
OC
IF=12.5A, Tc=125
OC
IF=25A, Tc=25
OC
IF=25A, Tc=125
OC
VF
0.82
0.73
0.75
0.65
V
Maximum Instantaneous Reverse Current @ Tc=25
at Rated DC Blocking Voltage Per Leg
@ Tc=125
(Note 2)
IR
0.2
40.0
1.0
50.0
mA
mA
Voltage Rate of Change, (Rated VR)
dV/dt
1,000
V/uS
M
aximum Thermal Resistance Per Leg (Note 3)
R
θJC
1.0
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +175
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg


Similar Part No. - MBRS2550CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2550CT TSC-MBRS2550CT Datasheet
313Kb / 2P
   25 AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2550CT TSC-MBRS2550CT Datasheet
139Kb / 3P
   25.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2550CT KERSEMI-MBRS2550CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRS2550CT TSC-MBRS2550CT Datasheet
229Kb / 5P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
MBRS2550CT HORNBY-MBRS2550CT Datasheet
362Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRS2550CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR2590CT KERSEMI-MBR2590CT Datasheet
818Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRS2545CT EMMICRO-MBRS2545CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR2535CT TSC-MBR2535CT_1 Datasheet
361Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT Datasheet
101Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_10 Datasheet
484Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2545CT KERSEMI-MBRS2545CT Datasheet
807Kb / 2P
   25.0 AMPS. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2535CT TSC-MBRF2535CT Datasheet
120Kb / 2P
   Isolation 25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_1 Datasheet
357Kb / 2P
   Isolated 25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_11 Datasheet
182Kb / 2P
   25.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_13 Datasheet
250Kb / 3P
   25.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com