Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD23381HJ-70PBS Datasheet(PDF) 2 Page - SPANSION

Part # MB84VD23381HJ-70PBS
Description  64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD23381HJ-70PBS Datasheet(HTML) 2 Page - SPANSION

  MB84VD23381HJ-70PBS Datasheet HTML 1Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 2Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 3Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 4Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 5Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 6Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 7Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 8Page - SPANSION MB84VD23381HJ-70PBS Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
DS05-50312-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
CMOS
64M (
×16) FLASH MEMORY &
16M (
×16) Mobile FCRAMTM
MB84VD23381HJ-70
s
s
s
s FEATURES
• Power Supply Voltage of 2.7 V to 3.1 V
• High Performance
70 ns maximum random access time (Flash)
60 ns maximum random access time (FCRAM)
• Operating Temperature
–30
°C to +85 °C
• Package 56-ball BGA
(Continued)
s
s
s
s PRODUCT LINEUP
* : Both VCCf and VCCr must be the same level when either part is being accessed.
s
s
s
s PACKAGE
Flash
FCRAM
Supply Voltage (V)
VCCf* = 3.0 V
VCCr* = 3.0 V
Max Random Address Access Time (ns)
70
60
Max CE Access Time (ns)
70
60
Max OE Access Time (ns)
30
35
56-ball plastic FBGA
BGA-56P-M04
+0.1 V
–0.3 V
+0.1 V
–0.3 V


Similar Part No. - MB84VD23381HJ-70PBS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23381FJ FUJITSU-MB84VD23381FJ Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
MB84VD23381FJ-80 FUJITSU-MB84VD23381FJ-80 Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
MB84VD23381FJ-80PBS FUJITSU-MB84VD23381FJ-80PBS Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
More results

Similar Description - MB84VD23381HJ-70PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Sharp Corporation
LRS1805A SHARP-LRS1805A Datasheet
1Mb / 57P
   Stacked Chip 64M (x16) Flash Memory 16M (x16) Smartcombo RAM
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
   64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VP24491HK FUJITSU-MB84VP24491HK Datasheet
1Mb / 70P
   128M (X16) FLASH MEMORY 32M (X16) Mobile FCRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com