Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD23381HJ Datasheet(PDF) 3 Page - SPANSION

Part # MB84VD23381HJ
Description  64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD23381HJ Datasheet(HTML) 3 Page - SPANSION

  MB84VD23381HJ Datasheet HTML 1Page - SPANSION MB84VD23381HJ Datasheet HTML 2Page - SPANSION MB84VD23381HJ Datasheet HTML 3Page - SPANSION MB84VD23381HJ Datasheet HTML 4Page - SPANSION MB84VD23381HJ Datasheet HTML 5Page - SPANSION MB84VD23381HJ Datasheet HTML 6Page - SPANSION MB84VD23381HJ Datasheet HTML 7Page - SPANSION MB84VD23381HJ Datasheet HTML 8Page - SPANSION MB84VD23381HJ Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MBVD23381HJ-70
2
(Continued)
—FLASH MEMORY
• Simultaneous Read/Write operations (Dual Bank)
• FlexBankTM*1
Bank A : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Bank B : 24 Mbit (64 KB
× 48)
Bank C : 24 Mbit (64 KB
× 48)
Bank D : 8 Mbit (8 KB
× 8 and 64 KB × 15)
Two virtual Banks are chosen from the combination of four physical banks.
Host system can program or erase in one bank, and then read immediately and simultaneously from the other
bank with zero latency between read and write operations.
Read-while-erase
Read-while-program
• Minimum 100,000 program/erase cycles
• Sector erase architecture
Sixteen 4 Kword and one hundred twenty-six 32 Kword sectors in word.
Any combination of sectors can be concurrently erased. It also supports full chip erase.
• WP/ACC input pin
At VIL, allows protection of “outermost” 2 × 8 Kbytes on both ends of boot sectors, regardless of sector
protection/unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM*2 Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM*2 Algorithms
Automatically writes and verifies data at specified address
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, the device automatically switches itself to low power mode.
• Low VCCf write inhibit
≤ 2.5 V
• Program Suspend/Resume
Suspends the program operation to allow a read in another byte
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Please refer to “MBM29DL64DH“ Datasheet in deteiled function
(Continued)


Similar Part No. - MB84VD23381HJ

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VD23381FJ FUJITSU-MB84VD23381FJ Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
MB84VD23381FJ-80 FUJITSU-MB84VD23381FJ-80 Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
MB84VD23381FJ-80PBS FUJITSU-MB84VD23381FJ-80PBS Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
More results

Similar Description - MB84VD23381HJ

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Sharp Corporation
LRS1805A SHARP-LRS1805A Datasheet
1Mb / 57P
   Stacked Chip 64M (x16) Flash Memory 16M (x16) Smartcombo RAM
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
   64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VP24491HK FUJITSU-MB84VP24491HK Datasheet
1Mb / 70P
   128M (X16) FLASH MEMORY 32M (X16) Mobile FCRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com