Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84SD23280FE Datasheet(PDF) 3 Page - SPANSION

Part # MB84SD23280FE
Description  64M (X16) FLASH MEMORY 8M (X16) SRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84SD23280FE Datasheet(HTML) 3 Page - SPANSION

  MB84SD23280FE Datasheet HTML 1Page - SPANSION MB84SD23280FE Datasheet HTML 2Page - SPANSION MB84SD23280FE Datasheet HTML 3Page - SPANSION MB84SD23280FE Datasheet HTML 4Page - SPANSION MB84SD23280FE Datasheet HTML 5Page - SPANSION MB84SD23280FE Datasheet HTML 6Page - SPANSION MB84SD23280FE Datasheet HTML 7Page - SPANSION MB84SD23280FE Datasheet HTML 8Page - SPANSION MB84SD23280FE Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
MB84SD23280FA/MB84SD23280FE-70
2
(Continued)
•••• FLASH MEMORY
•0.17
µµµµm process technology
• Simultaneous Read/Write operation (Dual Bank)
• FlexBankTM *1
Bank A: 16M bit (16KB
× 4 and 64KB × 31)
Bank B: 16M bit (64KB
× 32)
Bank C: 16M bit (64KB
× 32)
Bank D: 16M bit (16KB
× 4 and 64KB × 31)
• Minimum 100,000 program/erase cycles
• Sector Erase Architecture
Four 8K words, a hundred twenty-eight 32K words sectors.
Any combination of sectors can be concurrently erased. Also supports full chip erase.
•WP Input Pin
At VIL, allows protection of all sectors, regardless of sector protection/unprotection status
At VIH, allows removal of sector protection
• Embedded EraseTM *2 Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM *2 Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Automatic sleep mode
When address remain stable, the device automatically switches itself to low power mode
•Low VCC write inhibit
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
resumes the erase operation
• Sector Protection
Software command sector locking
• Please Refer to “MBM29BS64LF” Datasheet in Detailed Function
••••SRAM
• Power Dissipation
Operating : 50 mA Max
Standby :15
µA Max
• Power Down Features using CE1s and CE2s
• Data Retention Supply Voltage: 1.0 V to 1.95 V
•CE1s and CE2s Chip Select
• Byte Data Control: LB (DQ7 to DQ0), UB (DQ15 to DQ8)
*1: FlexBankTM is a trademark of Fujitsu Limited, Japan.
*2: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MB84SD23280FE

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
MB84SF6H6H6L2-70PBS SPANSION-MB84SF6H6H6L2-70PBS Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
More results

Similar Description - MB84SD23280FE

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1387 SHARP-LRS1387 Datasheet
3Mb / 43P
   64M (X16) FLASH 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com