Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8863TEUK Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8863TEUK
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8863TEUK Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8863TEUK Datasheet HTML 1Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 2Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 3Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 4Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 5Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 6Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 7Page - Maxim Integrated Products MAX8863TEUK Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
II. Manufacturing Information
A. Description/Function:
Low-Dropout, 120mA Linear Regulators
B. Process:
S12 (Standard 1.2 micron silicon gate CMOS)
C. Number of Device Transistors:
148
D. Fabrication Location:
California, USA
E. Assembly Location:
Philippines, Thailand or Malaysia
F. Date of Initial Production:
October, 1997
III. Packaging Information
A. Package Type:
5-Pin SOT23
B. Lead Frame:
Copper
C. Lead Finish:
Solder Plate
D. Die Attach:
Silver-filled Epoxy
E. Bondwire:
Gold (1 mil dia.)
F. Mold Material:
Epoxy with silica filler
G. Assembly Diagram:
# 05-1701-0281
H. Flammability Rating:
Class UL94-V0
I. Classification of Moisture Sensitivity
per JEDEC standard JESD22-112:
Level 1
IV. Die Information
A. Dimensions:
38 x 55 mils
B. Passivation:
Si3N4/SiO2 (Silicon nitride/ Silicon dioxide)
C. Interconnect:
Aluminum/Si (Si = 1%)
D. Backside Metallization:
None
E. Minimum Metal Width:
1.2 microns (as drawn)
F. Minimum Metal Spacing:
1.2 microns (as drawn)
G. Bondpad Dimensions:
5 mil. Sq.
H. Isolation Dielectric:
SiO2
I. Die Separation Method:
Wafer Saw


Similar Part No. - MAX8863TEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8863TEUK MAXIM-MAX8863TEUK Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8863TEUK+T MAXIM-MAX8863TEUK+T Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8863TEUK-T MAXIM-MAX8863TEUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
logo
ON Semiconductor
MAX8863TEUK-T ONSEMI-MAX8863TEUK-T Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Maxim Integrated Produc...
MAX8863TEUKT MAXIM-MAX8863TEUKT Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
More results

Similar Description - MAX8863TEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com