Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1964 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1964
Description  Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1964 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1964 Datasheet HTML 7Page - Maxim Integrated Products MAX1964 Datasheet HTML 8Page - Maxim Integrated Products MAX1964 Datasheet HTML 9Page - Maxim Integrated Products MAX1964 Datasheet HTML 10Page - Maxim Integrated Products MAX1964 Datasheet HTML 11Page - Maxim Integrated Products MAX1964 Datasheet HTML 12Page - Maxim Integrated Products MAX1964 Datasheet HTML 13Page - Maxim Integrated Products MAX1964 Datasheet HTML 14Page - Maxim Integrated Products MAX1964 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Tracking/Sequencing Triple/Quintuple
Power-Supply Controllers
______________________________________________________________________________________
11
Detailed Description
The MAX1964/MAX1965 power-supply controllers pro-
vide system power for cable and xDSL modems. The
main step-down DC-DC controller operates in a cur-
rent-mode pulse-width-modulation (PWM) control
scheme to ease compensation requirements and pro-
vide excellent load and line transient response.
The MAX1964 includes two analog gain blocks to regu-
late two additional positive auxiliary output voltages,
and the MAX1965 includes four analog gain blocks to
regulate three additional positive and one negative aux-
iliary output voltages. The positive regulator gain blocks
can be used to generate low voltage rails directly from
the main step-down converter or higher voltages using
coupled windings from the step-down converter. The
Figure 1. MAX1964 Standard Application Circuit
BST
C1
1
µF
D1
CENTRAL CMPSH-3
C2
1
µF
NH
NL
CBST
0.1
µF
RPOK
100k
CCOMP1
470pF
CCOMP2
47pF
COUT
1000
µF
CIN
470
µF
DH
LX
VOUT1
5V AT 1A
INPUT
9V TO 18V
DL
OUT
GND
TO LOGIC
IN
VL
ILIM
POK
COMP
MAX1964
FB
RCOMP
5M
RGATE(NH)
10
L1
33
µH
RGATE(NL)
10
RBE2
220
C3
1
µF
Q1
TIP30
R3
4.64k
R1
30k
R2
10k
VOUT2
1.8V AT 300mA
C4
10
µF
R4
10k
B2
FB2
B3
FB3
CBE2
2200pF
INTERNATIONAL
RECTIFIER
IRF7101
RBE3
220
C5
1
µF
Q2
TIP32
POWER GROUND
ANALOG GROUND
COUT : 1000
µF, 10V SANYO (CZ SERIES)
R5
4.99k
VOUT3
3.3V AT 750mA
C6
10
µF
R4
3.0k
CBE3
1000pF


Similar Part No. - MAX1964

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX196 MAXIM-MAX196 Datasheet
205Kb / 8P
   Jumper-Selectable Configuration
Rev 0; 2/96
MAX196-MAX198 MAXIM-MAX196-MAX198 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results

Similar Description - MAX1964

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
   Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
   Dual Tracking, Triple Output DC Power Supply
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com