Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M42SP-7 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part No. M42SP-7
Description  Stepping Motors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  http://www.mitsumi.com
Logo 

   
 2 page
background image
tems
M42SP-7
Rated Voltage
DC 12V
DC 24V
Working Voltage
DC 10.8~13.2V
DC 21.6~26.4V
Rated Current/Phase
259mA
173mA
No. of Phase
4 Phase
4 Phase
Coil DC Resistance
50
Ω/phase±7%
150
Ω/phase±7%
Step Angle
7.5˚/step
7.5˚/step
Excitation Method
2-2 Phase excitation (Unipolar driving)
Insulation Class
Class E insulation
Class E insulation
Holding Torque
49.0mN·m
52.9mN·m
Pull-out Torque
23.5mN·m/200pps
33.3mN·m/200pps
Pull-in Torque
19.6mN·m/200pps
29.4mN·m/200pps
Max. Pull-out Pulse Rate
600pps
650pps
Max. Pull-in Pulse Rate
420pps
430pps
MITSUMI
SPECIFICATIONS
Stepping Motors
CHARACTERISTICS
29.40
24.50
19.60
14.70
9.80
4.90
0
0
100
200 300 400
500
600 700
800
M42SP-7 (50
Ω, 12V DC)
Speed (pps)
Pull-inTorque
Pull-o
ut T
orq
ue
58.80
49.00
39.20
29.40
19.60
9.80
0
0
100
200 300 400
500
600 700
800
M42SP-7 (150
Ω, 24V DC)
Speed (pps)
Pull-o
ut Torqu
Pull-in
Tor
qu
e
DIMENSIONS
Unit : mm, General tolerance : ±0.5




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L6506CURRENTCONTROLLER FOR STEPPING MOTORS 1 2 3 4 5 MoreSTMicroelectronics
TB6562ANGDual Full-Bridge Driver IC for Stepping Motors 1 2 3 4 5 MoreToshiba Semiconductor
TB6598FNDual Full-Bridge Driver for Stepping Motors 1 2 3 4 5 MoreToshiba Semiconductor
LB18933-Phase Brushless Motor Driver for CD-ROM Spindle Motors 1 2 3 4 5 MoreSanyo Semicon Device
U2350BPWM Speed Control for Permanent Excited DC Motors 1 2 3 4 5 MoreTEMIC Semiconductors
TPD1024ASLow-Side Power Switch for Motors Solenoids and Lamp Drivers 1 2 3 4 5 MoreToshiba Semiconductor
NTE7005Integrated Circuit 2-Phase Stepping Motor Driver 1 2 3 NTE Electronics
LB11847PWM Current Control Type Stepping Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
STK672-010Unipolar Fixed-Current Chopper separate excitation Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller 1 2 3 4 5 MoreSanyo Semicon Device
HA13532NTThree-Phase Stepping Motor Control IC 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl