Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX2202 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX2202
Description  2A Li-Ion Linear Charger and Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2202 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX2202 Datasheet HTML 1Page - Microsemi Corporation LX2202 Datasheet HTML 2Page - Microsemi Corporation LX2202 Datasheet HTML 3Page - Microsemi Corporation LX2202 Datasheet HTML 4Page - Microsemi Corporation LX2202 Datasheet HTML 5Page - Microsemi Corporation LX2202 Datasheet HTML 6Page - Microsemi Corporation LX2202 Datasheet HTML 7Page - Microsemi Corporation LX2202 Datasheet HTML 8Page - Microsemi Corporation LX2202 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LX2202
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2004
Rev. 1.0, 2005-03-18
2A Li-Ion Linear Charger and Power Control
TM
®
DESCRI PTI O N
The LX2202 Linear Battery Charger is a
multi-state (2 stage) Li-Ion battery charger
(Constant current / Constant voltage) that is
designed to minimize battery charge time
(even from current limited sources such as
USB) and provide a simplified interface to
control battery discharge.
LX2202 features up to 2A charging
current from an AC adapter and an isolated
battery topology to minimize charge time
from current limited sources such as USB.
A thermal control loop maintains a safe
operating temperature at all times.
The
LX2202
provides
a
seamless
complete battery interface. When the input
power source is removed, the LX2202
provides the discharge path for the battery
with extremely low discharge impedance.
This eliminates the need for external
discharge switch and voltage supervisors.
In USB mode, the LX2202 provides
three levels of current limit: 100mA,
500mA, and off.
The LX2202 (compared to the LX2201)
has improved charge and discharge mode
detection circuitry. A UVLO feature prevents
battery charging when VDD is less than 3.6V.
The LX2202 uses three resistors to
program the constant charge current level, for
setting the termination charge current, and for
varying the USB charge current limits.
LX2202 support two types of Li-Ion
battery chemistry; 4.1V and 4.2V through
logical input (VM pin). The LX2202
provides a charging status indicator.
The
LX2202
features
a
pre-charge
conditioning mode for batteries that have
been deeply discharged and also has a top off
charge mode for batteries that are left on the
charger for extended periods.
The LX2202 is available in a high power
4mm x 4mm, 20-pin MLP, surface mount
package.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Up to 2A Charge Current
Internal Pass Element Can
Function as a Reverse Direction
Load Switch
USB Compliant Charging States
using optional USB input
Isolated Battery Topology
Low RdsON in Discharge Mode
Full Capacity Charging
True Charge Indicator
Wall Supply Regulator Tolerance
5V + 10%
Topping Charge with Voltage
Monitoring Mode
Improved charge/discharge mode
detection circuitry
Small, High Power 20-lead MLP
package
Selectable Li-Ion Battery for 4.1V
or 4.2V Applications
APPLI C ATION S
Batteries up to 4AH Ratings (C/2)
Cell Phones
PDAs
Charging Cradles
Digital Cameras
Low Cost Single Li-Ion Cell Chargers
PRODUCT H I GHLIGHT
105k
2.55k
72.3k
2.49k
Charge
Indicator
VDD
USB
VDD
BAT
NU
BAT
CMP
VDD
VDD
BAT
B220
10µF
0.1µF
10µF
LX2202
To VDD
Wall Adapter
Main Internal
Power Bus
Power On/Off
State Select Truth Table
VID0
VID1
VDD > VBAT
VBAT > VDD
0
0
Switch open – charging
disabled.
Switch open – discharge
disabled.
0
1
Charging – USB high level if
using USB.
Switch open – discharge
disabled.
1
0
Charging – USB low level if
using USB.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
1
1
Charging – USB high level if
using USB.
Battery Discharging. MOSFET
fully enhanced with current
flow VBAT to VDD.
PACKAGE ORDER I N FO
LQ
Plastic MLP
4x4mm 20-Pin
TA(
°C)
RoHS Compliant / Pb-free
-40 to 125
LX2202CLQ
Note: Available in Tape & Reel.
Append the letters “TR” to the part number.
(i.e. LX2202CLQ-TR)


Similar Part No. - LX2202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ-TR MICROSEMI-LX2202CLQ-TR Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202 MICROSEMI-LX2202_06 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2202

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202_06 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
   Linear Li-ion battery charger
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com