Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7806I Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM7806I
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7806I Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM7806I Datasheet HTML 1Page - Fairchild Semiconductor LM7806I Datasheet HTML 2Page - Fairchild Semiconductor LM7806I Datasheet HTML 3Page - Fairchild Semiconductor LM7806I Datasheet HTML 4Page - Fairchild Semiconductor LM7806I Datasheet HTML 5Page - Fairchild Semiconductor LM7806I Datasheet HTML 6Page - Fairchild Semiconductor LM7806I Datasheet HTML 7Page - Fairchild Semiconductor LM7806I Datasheet HTML 8Page - Fairchild Semiconductor LM7806I Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
ABSOLUTE MAXIMUM RATINGS (T
A = +25
°C, unless otherwise specified)
LM7805/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test circuit, TMIN < TJ < TMAX, IO = 500mA, VI = 10V, CI= 0.33
µF, C
O= 0.1
µF, unless otherwise specified)
* TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects
must be taken into account separately. Pulse testing with low duty is used.
Characteristic
Symbol
Value
Unit
Input Voltage (for VO = 5V to 18V)
(for VO = 24V)
VI
VI
35
40
V
V
Thermal Resistance Junction-Cases
RθJC
5
°C/W
Thermal Resistance Junction-Air
RθJA
65
°C/W
Operating Temperature Range KA78XX/A/R/RA
KA78XXI/RI
TOPR
0 ~ +125
-40 ~ +125
°C
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
LM7805I
LM7805
Min Typ Max Min Typ Max
TJ =+25
°C
4.8
5.0
5.2
4.8
5.0
5.2
Output Voltage
VO
5.0mA
≤ I
O
≤1.0A, P
O
≤ 15W
VI = 7V to 20V
VI = 8V to 20V
4.75
5.0
5.25
4.75
5.0
5.25
V
VO = 7V to 25V
4.0
100
4.0
100
VI = 8V to 12V
1.6
50
1.6
50
IO = 5.0mA to1.5A
9
100
9
100
IO =250mA to 750mA
4
50
4
50
Quiescent Current
IQ
TJ =+25
°C
5.0
8
5.0
8
mA
IO = 5mA to 1.0A
0.03
0.5
0.03
0.5
Quiescent Current Change
∆I
Q
VI= 7V to 25V
0.3
1.3
mA
VI= 8V to 25V
0.3
1.3
Output Voltage Drift
∆V
O/
∆T IO= 5mA
-0.8
-0.8
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA=+25
°C
42
42
µV/Vo
Ripple
Rejection
RR
f = 120Hz
VO = 8 to 18V
62
73
62
73
dB
Dropout Voltage
VO
IO = 1A, TJ =+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
15
15
m
Short Circuit Current
ISC
VI = 35V, TA =+25
°C
230
230
mA
Peak Current
IPK
TJ =+25
°C
2.2
2.2
A
Characteristic
Symbol
Test Conditions
Unit
Line Regulation
∆V
O
∆V
O
Load Regulation
TJ=+25
°C
TJ=+25
°C
mV
mV


Similar Part No. - LM7806I

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7806 UTC-LM7806 Datasheet
83Kb / 6P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7806 ETC-LM7806 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7806 FAIRCHILD-LM7806 Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7806 FCI-LM7806 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7806 TGS-LM7806 Datasheet
73Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7806I

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com