Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7809A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # LM7809A
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7809A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  LM7809A Datasheet HTML 1Page - Fairchild Semiconductor LM7809A Datasheet HTML 2Page - Fairchild Semiconductor LM7809A Datasheet HTML 3Page - Fairchild Semiconductor LM7809A Datasheet HTML 4Page - Fairchild Semiconductor LM7809A Datasheet HTML 5Page - Fairchild Semiconductor LM7809A Datasheet HTML 6Page - Fairchild Semiconductor LM7809A Datasheet HTML 7Page - Fairchild Semiconductor LM7809A Datasheet HTML 8Page - Fairchild Semiconductor LM7809A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
LM7809/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test circuit. TMIN < TJ <TMAX, IO= 500mA, VI= 15V, CI = 0.33
µF, C
O = 0.1
µF. unless otherwise specified)
* TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant, junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
LM7809I
LM7809
Min Typ Max Min Typ Max
TJ =+25
°C
8.65
9
9.35 8.65
9
9.35
Output Voltage
VO
5.0mA
≤ I
O
≤1.0A, P
D
≤15W
VI= 11.5V to 24V
VI = 12.5V to 24V
8.6
9
9.4
8.6
9
9.4
V
VI = 11.5V to 25V
6
180
6
180
VI = 12V to 25v
2
90
2
90
IO = 5mA to 1.5A
12
180
12
180
IO = 250mA to 750mA
4
90
4
90
Quiescent Current
IQ
TJ=+25
°C
5.0
8
5.0
8
mA
IO = 5mA to 1.0A
0.5
0.5
Quiescent Current Change
∆I
Q
VI = 11.5V to 26V
1.3
mA
VI = 12.5V to 26V
1.3
Output Voltage Drift
∆V
O/
∆T IO = 5mA
-1
-1
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA =+25
°C
58
58
µV/V
O
Ripple
Rejection
RR
f = 120Hz
VI = 13V to 23V
56
71
56
71
dB
Dropout Voltage
VD
IO = 1A, TJ=+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
17
17
m
Short Circuit Current
ISC
VI= 35V, TA =+25
°C
250
250
mA
Peak Current
IPK
TJ= +25
°C
2.2
2.2
A
Characteristic
Symbol
Test Conditions
Line Regulation
Load Regulation
∆V
O
∆V
O
TJ=+25
°C
TJ=+25
°C
mV
mV
Unit


Similar Part No. - LM7809A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7809A FAIRCHILD-LM7809A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7809ACT FAIRCHILD-LM7809ACT Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
LM7809ACT FAIRCHILD-LM7809ACT Datasheet
556Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7809ACT FAIRCHILD-LM7809ACT Datasheet
1Mb / 28P
   3-Terminal 1A Positive Voltage Regulator
LM7809ACT FAIRCHILD-LM7809ACT Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - LM7809A

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com