Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM450EW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LTM450EW
Description  6 ELEMENT CERAMIC FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LTM450EW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LTM450EW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
RXD TECHNOLOGIES, LLC., 15004 W. 106TH, Lenexa, KS 66215
913-307-0188 FAX 913-307-0504
Visit us online at www.rxdtech.com
800-228-8108
53
FEATURES
• Ultra small size
• 6.3 mm profile
• Broad bandwidth
• High selectivity
• 6 elements
Ultra small size high selectivity type ceramic filter for
communication use.
6 ELEMENT CERAMIC FILTER
LTM450W SERIES
7.1
9.5
6.4
3
4
5
2
1
Connection
Input
Ground
Output
Ground
Ground
3
4
5
2
1
2.6
2.9
7.1
Figure 1) LTM450W – Front, Side and Bottom views
CENTER
INSERTION
PASS BAND
6 dB
50 dB
STOP BAND ATT.
INPUT / OUTPUT
PART NUMBER
FREQUENCY
LOSS
RIPPLE
BANDWIDTH
BANDWIDTH
±100KHZ
IMPEDANCE
(KHz)
(dB) MAX.
(dB) MAX.
(KHz) MIN.
(dB) MAX.
(dB) MIN.
(
Ω)
LTM450BW
450 ±2.0
4
2
±15
±30
45
1500
LTM450CW
450 ±2.0
4
2
±12.5
±24
45
1500
LTM450DW
450 ±1.5
4
2
±10
±20
45
1500
LTM450EW
450 ±1.5
6
2
±7.5
±15
45
1500
LTM450FW
450 ±1.5
6
2
±6
±12.5
45
2000
LTM450GW
450 ±1.5
6
2
±4.5
±10
45
2000
LTM450HW
450 ±1.0
6
2
±3
±9
55
2000
LTM450IW
450 ±1.0
6
2
±2
±7.5
55
2000
LTM450HTW
450 ±1.0
6
2
±3
±9
60
2000
LTM450ITW
450 ±1.0
6
2
±2
±7.5
60
2000
Note: To avoid potential problems, connect the output to an IF amplifier
through a DC cut capacitor.
Avoid applying a direct current to output end of the ceramic filters (between
∞ and ≠¬Ø).
Rg
Rg+R1=R2=input/output impedance
S.S.G.
LTM
V.M.
RF
R2
1
2
3
4
5
Figure 2) LTM450W – Measuring Circuit
Frequency (KHz)
0
10
20
30
40
50
60
410
420
430
440
450
460
470
480
490
500
LTM450BW
LTM450EW
LTM450HW
Figure 3) LTM450W – Characteristics
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PACKAGE DIMENSIONS (mm)


Similar Part No. - LTM450EW

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM450EW AURIS-LTM450EW Datasheet
128Kb / 1P
   Filter THT
logo
EUROQUARTZ limited
LTM450EW EUROQUARTZ-LTM450EW Datasheet
52Kb / 1P
   CERAMIC FILTER
logo
ECS, Inc.
LTM450EW ECS-LTM450EW Datasheet
282Kb / 1P
   6 ELEMENT CERAMIC FILTER
logo
Shoulder Electronics Li...
LTM450EW SHOULDER-LTM450EW Datasheet
96Kb / 2P
   CERAMIC FILTER
logo
auris-GmbH
LTM450EW AURIS-LTM450EW Datasheet
270Kb / 1P
   Filter THT, Ceramic
More results

Similar Description - LTM450EW

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
LTM455W ECS-LTM455W Datasheet
309Kb / 1P
   6 ELEMENT CERAMIC FILTER
LTM450W ECS-LTM450W Datasheet
282Kb / 1P
   6 ELEMENT CERAMIC FILTER
LPBJ ECS-LPBJ Datasheet
235Kb / 1P
   2 ELEMENT CERAMIC FILTER
LTM450U ECS-LTM450U Datasheet
270Kb / 1P
   4 ELEMENT CERAMIC FILTER
LTM455U ECS-LTM455U Datasheet
282Kb / 1P
   4 ELEMENT CERAMIC FILTER
logo
Oscilent Corporation
731-455-IT OSCILENT-731-455-IT Datasheet
138Kb / 2P
   455 KHz 6 Element
731-455-AW OSCILENT-731-455-AW Datasheet
138Kb / 2P
   455 KHz 6 Element
730-450-HT OSCILENT-730-450-HT Datasheet
138Kb / 2P
   450 KHz 6 Element
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
   450 KHz 6 Element
737-450-AW OSCILENT-737-450-AW Datasheet
139Kb / 2P
   450 KHz 6 Element
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com