Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL1608-FSLR22J Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL1608-FSLR22J
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1608-FSLR22J Datasheet(HTML) 1 Page - TOKO, Inc

  LL1608-FSLR22J Datasheet HTML 1Page - TOKO, Inc LL1608-FSLR22J Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
R-LOG0703A
Meeting Your Needs
Multilayer Chip Inductors
TYPE
LL1608FSL
STANDARD PARTS SELECTION GUIDE
TYPE LL1608-FSL
* Add tolerance to part number: S=
±0.3nH, J = ±5%
**50MHz, ***25MHz
Testing Conditions: (1) L,Q: Agilent 4291A/B (Test fixture 16192A)
(2) SRF: Agilent 8719D, 8720D
(3) RDC: Agilent 4338A/B
Features
• Inductance range: 1.2-270nH (E-12 Series)
• Miniature size: 0603 footprint (1.6mm x 0.8mm)
• Inductance specified at 100MHz and 800MHz
• Laminated ceramic allows high SRF
• Self-resonant frequency specified at
±15%
• Q: 10 ~ 80 typical (at 1800MHz)
• High current handling, up to 1A
• Temperature coefficient of inductance: +250ppm/
°C
• Temperature range: –40
°C to +100°C
• S-parameter data available upon request
• Packaged on tape and reel in 4,000 piece quantity
• Reflow solderable
• Lead-free terminations
Unit: mm
Type
L (mm)
W (mm)
T (mm)
A (mm)
LL1608FSL
1.6
±0.15 0.8±0.15 0.8±0.15 0.3±0.2
Part Numbering
LL 1608 - FSL 1N2 S
Tolerance
(S=
±0.3nH, J=±5%)
Inductance
Material
Dimensions (LxW)
Type Name
L
W
T
A
Polarity Marking
The LL1608-FSL Series is a multilayer ceramic chip inductor
with an EIA standard 0603 footprint, lead-free terminations, and
expanded electrical specifications with respect to inductance,
Q, and self-resonant frequency.
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
r
e
l
o
T
&
e
c
n
a
t
c
u
d
n
I
Q
.
n
i
m
)
.
p
y
T
(
Q
F
R
S
)
z
H
M
(
C
D
R
(
Ω )
.
x
a
m
C
D
I
)
A
m
(
.
x
a
m
z
H
M
0
0
1
t
az
H
M
)
0
0
2
,
0
0
3
,
0
0
5
(
0
0
8
t
a
o
LL
o
LL
.
q
e
r
F0
0
10
0
10
0
30
0
50
0
80
0
0
10
0
8
1
)
H
n
(*
.
l
o
T)
H
n
(*
.
l
o
T)
z
H
M
(z
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
Mz
H
M
S
2
N
1
L
S
F
-
8
0
6
1
L
L2
.
1S1
.
1H
n
5
.
0
±0
0
80
10
.
4
18
.
8
13
.
4
25
.
0
36
.
5
30
.
8
4n
i
m
0
0
0
80
1
.
00
0
0
,
1
S
5
N
1
L
S
F
-
8
0
6
1
L
L5
.
1S4
.
1H
n
5
.
0
±0
0
80
11
.
4
19
.
7
28
.
8
31
.
9
48
.
6
50
.
0
8n
i
m
0
0
0
70
1
.
00
0
0
,
1
S
8
N
1
L
S
F
-
8
0
6
1
L
L8
.
1S7
.
1H
n
5
.
0
±0
0
80
16
.
1
17
.
0
29
.
7
24
.
6
32
.
0
40
.
2
5%
5
1
±
0
0
0
2
10
1
.
00
0
0
,
1
S
2
N
2
L
S
F
-
8
0
6
1
L
L2
.
2S1
.
2H
n
5
.
0
±0
0
80
10
.
3
15
.
6
24
.
5
32
.
4
49
.
1
59
.
3
6%
5
1
±
0
0
1
90
1
.
00
0
0
,
1
S
7
N
2
L
S
F
-
8
0
6
1
L
L7
.
2S6
.
2H
n
5
.
0
±0
0
81
11
.
3
14
.
8
26
.
7
32
.
8
47
.
4
50
.
2
7%
5
1
±
0
0
3
71
1
.
00
0
0
,
1
S
3
N
3
L
S
F
-
8
0
6
1
L
L3
.
3S2
.
3H
n
5
.
0
±0
0
82
18
.
3
18
.
7
20
.
6
34
.
6
49
.
2
50
.
8
6%
5
1
±
0
0
8
53
1
.
00
0
0
,
1
S
9
N
3
L
S
F
-
8
0
6
1
L
L9
.
3S8
.
3H
n
5
.
0
±0
0
82
14
.
4
14
.
0
36
.
9
32
.
0
58
.
6
50
.
0
7%
5
1
±
0
0
5
65
1
.
00
0
0
,
1
S
7
N
4
L
S
F
-
8
0
6
1
L
L7
.
4S6
.
4H
n
5
.
0
±0
0
82
19
.
4
17
.
9
20
.
9
32
.
9
46
.
5
50
.
0
7%
5
1
±
0
0
6
57
1
.
00
0
0
,
1
S
6
N
5
L
S
F
-
8
0
6
1
L
L6
.
5S5
.
5H
n
5
.
0
±0
0
82
17
.
5
18
.
8
22
.
8
37
.
7
43
.
3
59
.
1
6%
5
1
±
0
0
8
40
2
.
00
0
6
J
8
N
6
L
S
F
-
8
0
6
1
L
L8
.
6J7
.
6%
0
1
±0
0
82
18
.
5
14
.
9
20
.
9
33
.
9
48
.
5
55
.
7
6%
5
1
±
0
0
7
42
2
.
00
0
6
J
2
N
8
L
S
F
-
8
0
6
1
L
L2
.
8J1
.
8%
0
1
±0
0
82
18
.
6
14
.
0
33
.
0
41
.
1
58
.
6
58
.
3
6%
5
1
±
0
0
2
46
2
.
00
0
6
J
N
0
1
L
S
F
-
8
0
6
1
L
L0
1J
9
.
9%
0
1
±0
0
83
13
.
7
13
.
9
26
.
8
31
.
8
48
.
3
57
.
6
5%
5
1
±
0
0
0
40
3
.
00
0
6
J
N
2
1
L
S
F
-
8
0
6
1
L
L2
1J2
1%
0
1
±0
0
83
12
.
8
18
.
1
32
.
2
40
.
3
54
.
8
53
.
3
5%
5
1
±
0
0
4
35
3
.
00
0
6
J
N
5
1
L
S
F
-
8
0
6
1
L
L5
1J5
1%
0
1
±0
0
83
10
.
8
18
.
1
34
.
1
42
.
1
58
.
5
57
.
9
4%
5
1
±
0
0
2
30
4
.
00
0
6
J
N
8
1
L
S
F
-
8
0
6
1
L
L8
1J8
1%
0
1
±0
0
83
17
.
8
15
.
3
38
.
3
47
.
3
55
.
8
51
.
6
4%
5
1
±
0
0
9
27
4
.
00
0
6
J
N
2
2
L
S
F
-
8
0
6
1
L
L2
2J3
2%
0
1
±0
0
83
19
.
9
12
.
2
30
.
2
44
.
0
57
.
2
55
.
4
3%
5
1
±
0
0
5
24
5
.
00
0
6
J
N
7
2
L
S
F
-
8
0
6
1
L
L7
2J9
2%
0
1
±0
0
83
16
.
9
13
.
7
23
.
3
44
.
0
58
.
1
53
.
4
2%
5
1
±
0
0
3
22
6
.
00
0
6
J
N
3
3
L
S
F
-
8
0
6
1
L
L3
3J7
3%
0
1
±0
0
85
16
.
9
12
.
3
32
.
2
40
.
8
49
.
7
49
.
5
1%
5
1
±
0
0
0
20
7
.
00
0
6
J
N
9
3
L
S
F
-
8
0
6
1
L
L9
3J5
4%
0
1
±0
0
85
16
.
0
22
.
2
33
.
1
41
.
6
48
.
4
44
.
1
1%
5
1
±
0
0
9
10
8
.
00
0
6
J
N
7
4
L
S
F
-
8
0
6
1
L
L7
4J8
5%
0
1
±0
0
85
10
.
1
26
.
2
34
.
0
48
.
0
41
.
7
37
.
9%
5
1
±
0
0
6
10
9
.
00
0
5
J
N
6
5
L
S
F
-
8
0
6
1
L
L6
5J0
6%
0
1
±0
0
55
15
.
1
27
.
1
36
.
8
36
.
8
35
.
3
3—
%
5
1
±
0
0
5
10
0
.
10
0
5
J
N
8
6
L
S
F
-
8
0
6
1
L
L8
6J7
7%
0
1
±0
0
55
17
.
1
25
.
9
25
.
4
31
.
9
21
.
9
1—
%
5
1
±
0
0
3
10
2
.
10
0
4
J
N
2
8
L
S
F
-
8
0
6
1
L
L2
8J
4
0
1%
0
1
±0
0
55
11
.
1
27
.
4
32
.
0
45
.
2
35
.
9
1—
%
5
1
±
0
0
0
10
4
.
10
0
3
J
0
1
R
L
S
F
-
8
0
6
1
L
L0
0
1J6
3
1%
0
1
±0
0
55
15
.
0
25
.
5
31
.
9
34
.
0
2—
%
5
1
±
0
0
90
6
.
10
0
3
J
2
1
R
L
S
F
-
8
0
6
1
L
L*
*
0
2
1J
3
3
1%
0
1
±0
0
3*
*
2
11
.
3
23
.
1
38
.
0
3
———
%
5
1
±
0
0
80
0
.
20
0
2
J
5
1
R
L
S
F
-
8
0
6
1
L
L*
*
0
5
1J
4
7
1%
0
1
±0
0
3*
*
1
10
.
0
25
.
7
26
.
1
2
———
%
5
1
±
0
4
70
4
.
20
0
2
J
8
1
R
L
S
F
-
8
0
6
1
L
L*
*
0
8
1J
2
2
2%
0
1
±0
0
3*
*
1
18
.
8
11
.
7
21
.
2
1
———
%
5
1
±
0
5
60
7
.
20
5
1
J
2
2
R
L
S
F
-
8
0
6
1
L
L*
*
0
2
2J
3
9
2%
0
1
±0
0
3*
*
1
13
.
2
21
.
5
2
————
%
5
1
±
0
8
50
0
.
30
5
1
J
7
2
R
L
S
F
-
8
0
6
1
L
L*
*
*
0
7
2J
9
1
3%
0
1
±0
0
2*
*
*
89
.
1
21
.
1
2
————
%
5
1
±
0
7
40
5
.
30
5
1


Similar Part No. - LL1608-FSLR22J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608-FSLR22J TOKO-LL1608-FSLR22J Datasheet
262Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1608-FSLR22J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com