Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3770EG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3770EG
Description  Synchronous Controller with Margining, Tracking and PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3770EG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3770EG Datasheet HTML 4Page - Linear Technology LTC3770EG Datasheet HTML 5Page - Linear Technology LTC3770EG Datasheet HTML 6Page - Linear Technology LTC3770EG Datasheet HTML 7Page - Linear Technology LTC3770EG Datasheet HTML 8Page - Linear Technology LTC3770EG Datasheet HTML 9Page - Linear Technology LTC3770EG Datasheet HTML 10Page - Linear Technology LTC3770EG Datasheet HTML 11Page - Linear Technology LTC3770EG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC3770
3770f
PI FU CTIO S (UH Package/G Package)
to be the slave of two outputs, the VFB voltage of the master
IC is reproduced by a resistor divider and applied to this
pin. An internal 1.4µA soft start current is charging this pin
during the soft-start phase.
PLLFLTR (Pin 12/Pin 15): The Phase-Locked Loop’s
Lowpass Filter is Tied to This Pin. The voltage at this pin
defaults to 1.18V when the IC is not synchronized with an
external clock at the PLLIN pin.
PLLIN (Pin 13/Pin 16): External Synchronization Input to
Phase Detector. This pin is internally terminated to SGND
with a 50k resistor.
VIN (Pin 14/Pin 17): Main Input Supply. Decouple this pin
to PGND with a capacitor (0.1µF to 1µF).
VINSNS (Pin 15) UH Package: VIN Voltage Sense Input.
Normally this pin is tied to VIN. However, in certain
applications when the IC is powered from a separate
supply, VINSNS is tied to the upper MOSFET supply to sense
the VIN voltage. The pin is co-bonded with VIN in the SSOP
package.
ZVIN (Pin 16/Pin 18): Post-Package Zener-Trim Voltage
Input. Under normal conditions this pin should always be
connected to INTVCC.
Z1 (Pin 17/Pin 19): Post-Package Zener-Trim Control.
This pin is a multifunctional pin used in production for
post-package trimming and tracking. Ground this pin
under normal soft-start operation. Connecting this pin to
INTVCC will turn off the soft-start current during tracking.
Z2 (Pin 18/Pin 20): Post-Package Zener-Trim Control.
This pin is used in production for Post-Package trimming.
Ground this pin or tie to INTVCC under normal operation.
INTVCC (Pin 19/Pin 21): Internal 5V Regulator Output. The
control circuits are powered from this voltage. Decouple
this pin to PGND with a minimum of 10µF low ESR
tantalum or ceramic capacitor.
DRVCC (Pin 20) UH Package Gate: Driver Voltage Input.
Normally connected to the INTVCC regulated output. Do
not exceed 7V at this pin. This pin is co-bonded to INTVCC
internally in the SSOP package.
BG (Pin 21/Pin 22): Bottom Gate Driver Output. This pin
drives the gate of the bottom N-channel MOSFET between
ground and INTVCC.
PGND (Pin 22/Pin 23): Power Ground. Connect this pin
closely to the source of the bottom N-channel MOSFET,
the (–) terminal of CVCC and the (–) terminal of CIN.
SENSE(Pin 23) UH Package: Current Sense Comparator
Input. The (–) input to the current comparator is used to
accurately Kelvin sense the bottom side of the sense
resistor or MOSFET. This pin is co-bonded with PGND
internally in the SSOP package.
SENSE+ (Pin 24) UH Package: Current Sense Comparator
Input. The (+) input to the current comparator is normally
connected to the SW node unless using a sense resistor.
This pin is co-bonded with SW internally in the SSOP
package.
SW (Pin 25/Pin 24): Switch Node. The (–) terminal of the
boot-strap capacitor CB connects here. This pin swings
from a diode voltage drop below ground up to VIN.
TG (Pin 26/Pin 25): Top Gate Drive Output. This pin drives
the top N-channel MOSFET with a voltage swing equal to
INTVCC, superimposed on the switch node voltage SW.
BOOST (Pin 27/Pin 26): Boosted Floating Driver Supply.
The (+) terminal of the boot-strap capacitor CB connects
here. This pin swings from a diode voltage drop below
INTVCC up to VIN + INTVCC.
Z0 (Pin 28/Pin 27): Dead Time Control Input. Applying a
DC voltage will vary the dead time between TG-Low and
BG-High transition. Do not force a voltage higher than 5V
on this pin.
FCB (Pin 29/Pin 28): Forced Continuous Input. Connect
this pin to SGND to force continuous synchronization
operation at low load, to INTVCC to enable discontinuous
mode operation at low load or to a resistive divider from a
secondary output when using a secondary winding.
RUN (Pin 30/Pin 1): Run Control Input. A voltage above
1.5V turns on the IC. Forcing this pin below 1.5V shuts
down the device.


Similar Part No. - LTC3770EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
More results

Similar Description - LTC3770EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com