Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1732-8.4 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1732-8.4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1732-8.4 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1732-8.4 Datasheet HTML 4Page - Linear Technology LTC1732-8.4 Datasheet HTML 5Page - Linear Technology LTC1732-8.4 Datasheet HTML 6Page - Linear Technology LTC1732-8.4 Datasheet HTML 7Page - Linear Technology LTC1732-8.4 Datasheet HTML 8Page - Linear Technology LTC1732-8.4 Datasheet HTML 9Page - Linear Technology LTC1732-8.4 Datasheet HTML 10Page - Linear Technology LTC1732-8.4 Datasheet HTML 11Page - Linear Technology LTC1732-8.4 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1732-8.4
17328f
APPLICATIONS INFORMATION
Charger Conditions
The charger is off when any of the following conditions exist:
the VCC pin is less than 8.2V, the dropout voltage (VCC
VBAT) is less than 54mV, or the PROG pin is floating. The
DRV pin will be pulled to VCC and the internal resistor di-
vider is disconnected to reduce the current drain on the
battery.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the
input voltage and keeps the charger in shutdown mode
until VCC rises above 8.2V. To prevent oscillation around
VCC = 8.2V, the UVLO circuit has built-in hysteresis.
Trickle Charge and Defective Battery Detection
At the beginning of the charging sequence, if the battery
voltage is below 4.9V, the charger goes into trickle mode.
The charge current drops to 10% of the full-scale current.
If the low voltage persists for one quarter of the total
charge time, the battery is considered defective, the charge
cycle is terminated and the CHRG pin output is forced to
a high impedance state.
Shutdown
The LTC1732-8.4 can be forced into shutdown by floating
the PROG pin and allowing the internal 2.5
µA current
source to pull the pin above the 2.457V shutdown thresh-
old voltage. The DRV pin is pulled up to VCC turning off the
external P-channel MOSFET. The internal timer is reset in
the shutdown mode.
Programming Charge Current
The formula for the battery charge current (see Block
Diagram) is:
IBAT
= (IPROG)(800Ω/RSENSE)
= (2.457V/RPROG)(800Ω/RSENSE) or
RPROG = (2.457V/IBAT)(800Ω/RSENSE)
where RPROG is the total resistance from the PROG pin to
ground.
For example, if 0.5A charge current is needed, select a
value for RSENSE that will drop 100mV at the maximum
charge current. RSENSE = 0.1V/0.5A = 0.2Ω, then calculate:
RPROG = (2.457V/500mA)(800Ω/0.2Ω) = 19.656k
For best stability over temperature and time, 1% resistors
are recommended. The closest 1% resistor value is 19.6k.
Programming the Timer
The programmable timer terminates the charge cycle.
Typically, when charging at a 1C rate, a discharged Li-Ion
battery will become fully charged in 3 hours. For lower
charge current rates, extend the timer accordingly.The
length of the timer is programmed by an external capaci-
tor at the TIMER pin. The total charge time is:
Time (Hours) = (3 Hours) • (CTIMER/0.1µF) or
CTIMER = 0.1µF • Time (Hours)/3 (Hours)
The timer starts when an input voltage greater than 8.2V
is applied and the program resistor is connected to ground.
After a time-out occurs, the CHRG output will go into a
high impedance state to indicate that charging has stopped.
Connecting the TIMER pin to VCC disables the timer and
also puts the charger into a constant-current mode. To
only disable the timer function, short the TIMER pin to
GND.
CHRG Status Output Pin
When a charge cycle starts, the CHRG pin is pulled to
ground by an internal N-channel MOSFET that can drive an
LED. When the battery current drops to 10% of the full-
scale current (C/10), the N-channel MOSFET is turned off
and a weak 35
µA current source to ground is connected to
the CHRG pin. After a time-out occurs, the pin will go into
a high impedance state. By using two different value pull-
up resistors, a microprocessor can detect three states
from this pin (charging, C/10 and stop charging). See
Figure 1 and Table 1.


Similar Part No. - LTC1732-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1732-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com