Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTA104S1-L01 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # LTA104S1-L01
Description  color active matrix TFT (Thin Film Transistor) liquid crystal display
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTA104S1-L01 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button LTA104S1-L01 Datasheet HTML 14Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 15Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 16Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 17Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 18Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 19Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 20Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 21Page - Samsung semiconductor LTA104S1-L01 Datasheet HTML 22Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Doc.No.
Rev.No
Page
LTA104S1-L01
/22
21
05-000-G-031217
7. GENERAL PRECAUTIONS
1. Handling
(a) When the module is assembled, It should be attached to the system firmly
using every mounting holes. Be careful not to twist and bend the modules.
(b) Refrain from strong mechanical shock and / or any force to the module. In addition to
damage, this may cause improper operation or damage to the module and CCFT back-light.
(c) Note that polarizers are very fragile and could be easily damaged. Do not press or scratch
the surface harder than a HB pencil lead.
(d) Wipe off water droplets or oil immediately. If you leave the droplets for a long time,
Staining and discoloration may occur.
(e) If the surface of the polarizer is dirty, clean it using some absorbent cotton or soft cloth.
(f) The desirable cleaners are water, IPA(Isoprophyl Alcohol) or Hexane.
Do not use Ketone type materials(ex. Acetone), Ethyl alcohol, Toluene, Ethyl acid or Methyl
chloride. It might permanent damage to the polarizer due to chemical reaction.
(g) If the liquid crystal material leaks from the panel, it should be kept away from the eyes or
mouth . In case of contact with hands, legs or clothes, it must be washed away thoroughly
with soap.
(h) Protect the module from static , it may cause damage to the C-MOS Gate Array IC.
(i) Use fingerstalls with soft gloves in order to keep display clean during the incoming
inspection and assembly process.
(j) Do not disassemble the module.
(k) Do not pull or fold the lamp wire.
(l) Do not adjust the variable resistor which is located on the back side.
(m) Protection film for polarizer on the module shall be slowly peeled off just before use so
that the electrostatic charge can be minimized.
(n) Pins of I/F connector shall not be touched directly with bare hands.


Similar Part No. - LTA104S1-L01

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTA10 AURIS-LTA10 Datasheet
295Kb / 1P
   Filter THT
LTA10 AURIS-LTA10 Datasheet
331Kb / 1P
   Filter THT, Ceramic
LTA10 AURIS-LTA10_1 Datasheet
331Kb / 1P
   Filter THT, Ceramic
More results

Similar Description - LTA104S1-L01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTN121X1-L01 SAMSUNG-LTN121X1-L01 Datasheet
146Kb / 6P
   color active matrix TFT (Thin Film Transistor) liquid crystal display
LT150X1-151 SAMSUNG-LT150X1-151 Datasheet
740Kb / 22P
   Color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD)
LTN104S2-L01 SAMSUNG-LTN104S2-L01 Datasheet
291Kb / 25P
   Color Active Matrix TFT (Thin Film Transistor) Liquid Crystal Display (LCD)
LTM170EU-L11 SAMSUNG-LTM170EU-L11 Datasheet
746Kb / 24P
   Color Active Matrix TFT Liquid crystal display
LTM170EU-L01 SAMSUNG-LTM170EU-L01 Datasheet
850Kb / 24P
   COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTM170E4 SAMSUNG-LTM170E4 Datasheet
992Kb / 23P
   COLOR ACTIVE MATRIX TFT LIQUID CRYSTAL DISPLAY
LTN141P1-L01 SAMSUNG-LTN141P1-L01 Datasheet
121Kb / 6P
   color active matrix TFT liquid crystal display
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com