Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA78XXAT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA78XXAT
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78XXAT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA78XXAT Datasheet HTML 1Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 2Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 3Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 4Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 5Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 6Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 7Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 8Page - Fairchild Semiconductor KA78XXAT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
LM7808/I/R/RI ELECTRICAL CHARACTERISTICS
(Refer to test Circuit, TMIN <TJ< TMAX, IO = 500mA, VI = 14V, CI = 0.33
µF, C
O= 0.1
µF, unless otherwise specified)
* TMIN <TJ <TMAX
LM78XXI/RI: TMIN= - 40
°C, T
MAX = +125
°C
LM78XX/R: TMIN= 0
°C, T
MAX= +125
°C
* Load and line regulation are specified at constant, junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
LM7808I
LM7808
Min Typ
Max
Min
Typ
Max
TJ =+25
°C
7.7
8.0
8.3
7.7
8.0
8.3
Output Voltage
VO
5.0mA
≤ I
O
≤ 1.0A, P
O
≤ 15W
VI = 10.5V to 23V
VI = 11.5V to 23V
7.6
8.0
8.4
7.6
8.0
8.4
V
VI = 10.5V to 25V
5.0
160
5.0
160
VI = 11.5V to 17V
2.0
80
2.0
80
IO = 5.0mA to 1.5A
10
160
10
160
IO= 250mA to 750mA
5.0
80
5.0
80
Quiescent Current
IQ
TJ =+25
°C
5.0
8
5.0
8
mA
IO = 5mA to 1.0A
0.05
0.5
0.05
0.5
Quiescent Current Change
∆I
Q
VI = 10.5A to 25V
0.5
1.0
mA
VI = 11.5V to 25V
0.5
1.0
Output Voltage Drift
∆V
O/
∆T IO = 5mA
-0.8
-0.8
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100Khz, TA =+25
°C
52
52
µV/Vo
Ripple
Rejection
RR
f = 120Hz, VI= 11.5V to 21.5
56
73
56
73
dB
Dropout Voltage
VD
IO = 1A, TJ=+25
°C
2
2
V
Output Resistance
RO
f = 1KHz
17
17
m
Short Circuit Current
ISC
VI= 35V, TA =+25
°C
230
230
mA
Peak Current
IPK
TJ =+25
°C
2.2
2.2
A
Characteristic
Symbol
Test Conditions
Unit
Line Regulation
Load Regulation
∆V
O
∆V
O
TJ =+ 25
°C
TJ = +25
°C
mV
mV


Similar Part No. - KA78XXAT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA78XXAE FAIRCHILD-KA78XXAE Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
More results

Similar Description - KA78XXAT

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX_07 Datasheet
142Kb / 14P
   1A 3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com