Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM7812A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. LM7812A
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 1 page
background image
LM78XX (KA78XX, MC78XX) FIXED VOLTAGE REGULATOR (POSITIVE)
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATORS
The LM78XX series of three-terminal positive regulators are available in
the TO-220/D-PAK package and with several fixed output voltages, making
them useful in a wide range of applications. Each type employs internal
current limiting, thermal shut-down and safe area protection, making it
essentially indestructible. If adequate heat sinking is provided, they can
deliver over 1A output current. Although designed primarily as fixed voltage
regulators, these devices can be used with external components to obtain
adjustable voltages and currents.
FEATURES
• Output Current up to 1A
• Output Voltages of 5, 6, 8, 9, 10, 11, 12, 15, 18, 24V
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor SOA Protection
KA78XXCT
± 4%
KA78XXAT
± 2%
KA78XXIT
TO-220
-40 ~ +125
°C
KA78XXR
KA78XXAR
± 2%
KA78XXIR
± 4%
D-PAK
-40 ~ +125
°C
0 ~ +125
°C
0 ~ +125
°C
TO-220
D-PAK
1: Input 2: GND 3: Output
BLOCK DIAGRAM
1
ORDERING INFORMATION
Device
Operating Temperature
± 4%
Output Voltage
Tolerance
Packag
e
©1999 Fairchild Semiconductor Corporation
Rev. B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78XX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl