Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH7A400N0C000 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LH7A400N0C000
Description  32-Bit System-on-Chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH7A400N0C000 Datasheet(HTML) 3 Page - Sharp Corporation

  LH7A400N0C000 Datasheet HTML 1Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 2Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 3Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 4Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 5Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 6Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 7Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 8Page - Sharp Corporation LH7A400N0C000 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
32-Bit System-on-Chip
LH7A400
Preliminary Data Sheet
12/8/03
3
Table 1. Functional Pin List
PBGA
PIN
CABGA
PIN
SIGNAL
DESCRIPTION
RESET
STATE
STANDBY
STATE
OUTPUT
DRIVE
G7
C10
VDD
I/O Ring Power
F1
F9
K7
F11
M1
F14
M5
G8
T6
H13
R14
J9
M14
K15
J11
L7
J12
N6
F13
N8
B14
N12
E10
N13
B8
P11
H7
B8
VSS
I/O Ring Ground
G3
C6
K4
D5
N5
D13
P6
E8
T14
F7
R16
G13
N16
H9
K13
J14
H9
K7
C15
L8
A11
L10
E8
L12
A5
M11
F7
M14
E1
C4
VDDC
Core Power
J4
D7
P3
D10
T8
F4
K9
F10
L13
J4
E15
J8
D12
K8
A7
L6
H5
G7
VSSC
Core Ground
M3
H4
L9
H8
T10
L4
N15
L9
H12
N3
B15
N7
C9
N10
G6
R5


Similar Part No. - LH7A400N0C000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400N0F000B3A NXP-LH7A400N0F000B3A Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F000B5 NXP-LH7A400N0F000B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F076B5 NXP-LH7A400N0F076B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0G000B5 NXP-LH7A400N0G000B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
More results

Similar Description - LH7A400N0C000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
logo
Sharp Corporation
SHARP_LH7A404 SHARP-SHARP_LH7A404 Datasheet
387Kb / 51P
   32 BIT SYSTEM ON CHIP
logo
NXP Semiconductors
LH7A404 NXP-LH7A404 Datasheet
1Mb / 75P
   32-Bit System-on-Chip
2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
   On-chip 32-bit ARM Cortex-R4F processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com