Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPH-1608SGW Datasheet(PDF) 2 Page - Kingbright Corporation

Part # KPH-1608SGW
Description  1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KPH-1608SGW Datasheet(HTML) 2 Page - Kingbright Corporation

  KPH-1608SGW Datasheet HTML 1Page - Kingbright Corporation KPH-1608SGW Datasheet HTML 2Page - Kingbright Corporation KPH-1608SGW Datasheet HTML 3Page - Kingbright Corporation KPH-1608SGW Datasheet HTML 4Page - Kingbright Corporation KPH-1608SGW Datasheet HTML 5Page - Kingbright Corporation KPH-1608SGW Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Kingbright
®
KPH-1608-2
Electrical / Optical Characteristics at TA=25
°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
t
h
g
i
r
B
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
0
0
7
5
2
6
5
6
5
0
9
5
0
6
6
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
f
l
a
H
e
n
i
L
l
a
r
t
c
e
p
S
d
e
R
t
h
g
i
r
B
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
5
4
5
4
0
3
5
3
0
2
m
nA
m
0
2
=
F
I
Ce
c
n
a
t
i
c
a
p
a
C
d
e
R
t
h
g
i
r
B
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
0
4
2
1
5
4
0
1
5
9
F
pz
H
M
1
=
f
;
V
0
=
F
V
V
F
e
g
a
t
l
o
V
d
r
a
w
r
o
F
d
e
R
t
h
g
i
r
B
d
e
R
y
c
n
e
i
c
i
f
f
E
h
g
i
H
n
e
e
r
G
t
h
g
i
r
B
r
e
p
u
S
w
o
ll
e
Y
d
e
R
t
h
g
i
r
B
r
e
p
u
S
0
.
2
0
.
2
2
.
2
1
.
2
5
8
.
1
5
.
2
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
I
R
t
n
e
r
r
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
Absolute Maximum Ratings at TA=25
°°°°°C
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
t
h
g
i
r
Bd
e
R
t
h
g
i
r
B
d
e
R
t
h
g
i
r
B
d
e
R
t
h
g
i
r
Bd
e
R
t
h
g
i
r
B
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
i
f
f
E
d
e
R
t
h
g
i
r
B
r
e
p
u
St
h
g
i
r
B
r
e
p
u
S
t
h
g
i
r
B
r
e
p
u
S
t
h
g
i
r
B
r
e
p
u
St
h
g
i
r
B
r
e
p
u
S
n
e
e
r
G
w
o
l
l
e
Yw
o
l
l
e
Y
w
o
l
l
e
Y
w
o
l
l
e
Yw
o
l
l
e
Y
t
h
g
i
r
B
r
e
p
u
St
h
g
i
r
B
r
e
p
u
S
t
h
g
i
r
B
r
e
p
u
S
t
h
g
i
r
B
r
e
p
u
St
h
g
i
r
B
r
e
p
u
S
d
e
R
s
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
10
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D5
20
35
20
30
3A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
5
10
5
10
5
10
5
10
5
1A
m
e
g
a
t
l
o
V
e
s
r
e
v
e
R
55555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
i
t
a
r
e
p
O
0
4
-
°
5
8
+
o
T
C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.


Similar Part No. - KPH-1608SGW

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KPH-1608SGC TO-GRACE-KPH-1608SGC Datasheet
829Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results

Similar Description - KPH-1608SGW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KP-1608 KINGBRIGHT-KP-1608 Datasheet
597Kb / 6P
   1.6x0.8mm SUPER THIN SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
KPT-3216 ETC-KPT-3216 Datasheet
596Kb / 6P
   3.2x1.6mm SUPER THIN SMD CHIP LED LAMPS
logo
Kingbright Corporation
KPT-2012 KINGBRIGHT-KPT-2012 Datasheet
587Kb / 6P
   2.0x1.2mm SUPER THIN SMD CHIP LED LAMPS
logo
List of Unclassifed Man...
APH1608XXX ETC-APH1608XXX Datasheet
219Kb / 1P
   SUPER THIN SMD CHIP LED 1608
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF KINGBRIGHT-APH1608RWF_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com