Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA7824AF Datasheet(PDF) 9 Page - KEC(Korea Electronics)

Part # KIA7824AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7824AF Datasheet(HTML) 9 Page - KEC(Korea Electronics)

Back Button KIA7824AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 11Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 12Page - KEC(Korea Electronics) KIA7824AF Datasheet HTML 13Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2002. 9. 24
9/17
KIA7805AF~KIA7824AF
Revision No : 2
KIA7818AF
ELECTRICAL CHARACTERISTICS (VIN=27V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25 , IOUT=100mA
17.3
18.0
18.7
V
Input Regulation
Reg line
1
Tj=25
21V VIN 33V
-
13
360
mV
24V VIN 30V
-
4
180
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.4A
-
12
360
mV
250mA IOUT 750mA
-
4
180
Output Voltage
VOUT
1
21V VIN 33V
5.0mA IOUT 1.0A, Po 15W
17.1
-
18.9
V
Quiescent Current
IB
1
Tj=25 , IOUT=5mA
-
4.5
8.0
mA
Quiescent Current Change
IB
1
21V VIN 33V
-
-
1.0
mA
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
IOUT=50mA
-
125
-
Vrms
Ripple Rejection Ratio
RR
1
f=120Hz, 22V VIN 32V,
IOUT=50mA, Tj=25
52
68
-
dB
Dropout Voltage
VD
1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
1
Tj=25
-
0.4
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA, 0
Tj 125
-
-2.5
-
mV/


Similar Part No. - KIA7824AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7824AF KEC-KIA7824AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7824AF KEC-KIA7824AF Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7824AF/API KEC-KIA7824AF/API Datasheet
451Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7824AF/API KEC-KIA7824AF/API Datasheet
1Mb / 20P
   SEMICONDUCTOR
More results

Similar Description - KIA7824AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com