Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1008V1B-I8 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1008V1B-I8
Description  128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008V1B-I8 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1008V1B-I8 Datasheet HTML 1Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 2Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 3Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 4Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 5Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 6Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 7Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 8Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6R1008V1B-C/B-L, K6R1008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.1
- 1 -
August 1998
Preliminary
Document Title
128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out.
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
RevNo.
Rev. 0.0
Rev.1.0
Rev.2.0
Rev. 2.1
Remark
Design Target
Preliminary
Final
Final
History
Initial release with Design Target.
Release to Preliminary Data Sheet.
1.1. Replace Design Target to Preliminary.
Release to Final Data Sheet.
2.1. Delete Preliminary.
2.2. Delete 32-SOJ-300 package.
2.3. Add Capacitive load of the test environment in A.C test load.
2.4. Change D.C characteristics.
Change Standby and Data Retention Current for L-ver.
Items
Previous spec.
(8/10/12ns part)
Changed spec.
(8/10/12ns part)
ICC
160/150/140mA
160/155/150mA
ISB
30mA
50mA
Items
Previous spec.
Changed spec.
ISB1
0.5mA
0.7mA
IDR at 3.0V
0.4mA
0.5mA
IDR at 2.0V
0.3mA
0.4mA
Draft Data
Apr. 1st, 1997
Jun. 1st, 1997
Feb. 25th, 1998
Aug. 4th, 1998


Similar Part No. - K6R1008V1B-I8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008V1C SAMSUNG-K6R1008V1C Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C SAMSUNG-K6R1008V1C-C Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C10 SAMSUNG-K6R1008V1C-C10 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C12 SAMSUNG-K6R1008V1C-C12 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C15 SAMSUNG-K6R1008V1C-C15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results

Similar Description - K6R1008V1B-I8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com