Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2955M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # K2955M
Description  IF Filter for Intercarrier Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K2955M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  K2955M Datasheet HTML 1Page - List of Unclassifed Manufacturers K2955M Datasheet HTML 2Page - List of Unclassifed Manufacturers K2955M Datasheet HTML 3Page - List of Unclassifed Manufacturers K2955M Datasheet HTML 4Page - List of Unclassifed Manufacturers K2955M Datasheet HTML 5Page - List of Unclassifed Manufacturers K2955M Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
May 08, 2001
SAW Components
K 2955 M
38,90 MHz
IF Filter for Intercarrier Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
37,40 MHz
15,7
17,2
18,7
dB
following data
Relative attenuation
α
rel
Picture carrier
38,90 MHz
4,7
5,7
6,7
dB
Color carrier
34,47 MHz
2,6
3,6
4,6
dB
Sound carrier
32,40 MHz
18,5
20,0
21,5
dB
33,40 MHz
19,4
20,4
dB
Adjacent picture carrier
30,90 MHz
48,0
66,0
dB
Adjacent sound carrier
40,40 MHz
43,0
58,0
dB
41,40 MHz
42,0
53,0
dB
Lower sidelobe
25,00
... 30,90 MHz
43,0
52,0
dB
Upper sidelobe
40,40
... 45,00 MHz
38,0
44,0
dB
Reflected wave signal suppression
1,2
µs ... 6,0 µs after main pulse
42,0
54,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Feedthrough signal suppression
1,2
µs ... 1,1 µs before main pulse
50,0
56,0
dB
(test pulse 250 ns,
carrier frequency 37,40 MHz)
Group delay predistortion
∆τ
(reference frequency 38,90 MHz)
36,50 MHz
–65
ns
34,47 MHz
0
ns
Impedance at 37,40 MHz
Input:
ZIN
=
RIN
||
CIN
2,2 ||10,7
k
Ω || pF
Output:
ZOUT = ROUT || COUT
3,1 || 2,8
—k
Ω || pF
Temperature coefficient of frequency
TCf
–72
ppm/K


Similar Part No. - K2955M

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
K2955M PETERMANN-K2955M Datasheet
90Kb / 5P
   HIGH RELIABILITY FOR LOW COST
More results

Similar Description - K2955M

ManufacturerPart #DatasheetDescription
logo
EPCOS
K2962M EPCOS-K2962M Datasheet
89Kb / 6P
   IF Filter for Intercarrier Applications
logo
Advanced Crystal Techno...
ACTK7044D ACT-ACTK7044D Datasheet
93Kb / 3P
   IF Filter for Intercarrier Applications
SEPT 04
logo
EPCOS
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
   IF Filter for Intercarrier Applications
M1871M EPCOS-M1871M Datasheet
86Kb / 6P
   IF Filter for Intercarrier Applications
K2965M EPCOS-K2965M Datasheet
89Kb / 6P
   IF Filter for Intercarrier Applications
G1963M EPCOS-G1963M Datasheet
87Kb / 6P
   IF Filter for Intercarrier Applications
K2966M EPCOS-K2966M Datasheet
88Kb / 6P
   IF Filter for Intercarrier Applications
logo
List of Unclassifed Man...
G1965M ETC1-G1965M Datasheet
91Kb / 8P
   IF Filter for Intercarrier Applications
K2971M ETC-K2971M Datasheet
82Kb / 6P
   IF Filter for Intercarrier Applications
logo
Advanced Crystal Techno...
ACTK7033D ACT-ACTK7033D Datasheet
94Kb / 3P
   IF Filter for Intercarrier Applications
SEPT 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com