Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S641632E-TC70 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S641632E-TC70
Description  64Mbit SDRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S641632E-TC70 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S641632E-TC70 Datasheet HTML 2Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 3Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 4Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 5Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 6Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 7Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 8Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 9Page - Samsung semiconductor K4S641632E-TC70 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
K4S641632E
CMOS SDRAM
Rev.0.2 Sept. 2001
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
OPERATING AC PARAMETER
Notes :
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-50
-55
-60
-70
-75
-1H
-1L
Row active to row active delay
tRRD(min)
10
11
12
14
15
20
20
ns
1
RAS to CAS delay
tRCD(min)
15
16.5
18
20
20
20
20
ns
1
Row precharge time
tRP(min)
15
16.5
18
20
20
20
20
ns
1
Row active time
tRAS(min)
38.5
38.5
42
49
45
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
55
55
60
68
65
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,5
Last data in to active delay
tDAL(min)
2CLK
+15ns
2CLK
+16.5ns
2CLK
+18ns
2CLK
+20ns
2CLK
+20ns
2CLK
+20ns
2CLK
+20ns
-
5
Last data in to new col. address Delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output
data
CAS latency=3
2
ea
4
CAS latency=2
-
1
1. The DC/AC Test Output Load of K4S641632E-50/55/60 is 30pF.
2. The VDD condition of K4S641632E-50/55/60 is 3.135V~3.6V.
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. In 100MHz and below 100MHz operating conditions, tRDL=1CLK and tDAL=1CLK + 20ns is also supported.
SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + tRP.


Similar Part No. - K4S641632E-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641632C SAMSUNG-K4S641632C Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L10 SAMSUNG-K4S641632C-TC/L10 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1H SAMSUNG-K4S641632C-TC/L1H Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L1L SAMSUNG-K4S641632C-TC/L1L Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
K4S641632C-TC/L60 SAMSUNG-K4S641632C-TC/L60 Datasheet
1Mb / 42P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results

Similar Description - K4S641632E-TC70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D623238B-GC SAMSUNG-K4D623238B-GC Datasheet
147Kb / 17P
   64Mbit DDR SDRAM
K4S640832F SAMSUNG-K4S640832F Datasheet
118Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832E SAMSUNG-K4S640832E Datasheet
126Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832C SAMSUNG-K4S640832C Datasheet
130Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640832D SAMSUNG-K4S640832D Datasheet
128Kb / 10P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S8030D SAMSUNG-KM48S8030D Datasheet
117Kb / 11P
   64Mbit SDRAM 2M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
logo
Sharp Corporation
LH28F640SPHT-PTL12 SHARP-LH28F640SPHT-PTL12 Datasheet
1Mb / 45P
   64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com