Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F8016V3A-F Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6F8016V3A-F
Description  512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F8016V3A-F Datasheet(HTML) 2 Page - Samsung semiconductor

  K6F8016V3A-F Datasheet HTML 1Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 2Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 3Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 4Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 5Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 6Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 7Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 8Page - Samsung semiconductor K6F8016V3A-F Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6F8016V3A Family
Revision 1.0
September 2001
2
CMOS SRAM
512K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
GENERAL DESCRIPTION
The K6F8016V3A families are fabricated by SAMSUNG
′s
advanced full CMOS process technology. The families support
various operating temperature ranges. The families also sup-
port low data retention voltage for battery back-up operation
with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 512K x16
• Power Supply Voltage: 3.0~3.6V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 44-TSOP2-400F/R
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. Typical values are measured at VCC=3.3V, TA=25
°C and not 100% tested.
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1, Max)
K6F8016V3A-F
Industrial(-40~85
°C)
3.0~3.6V
551)/70ns
0.5
µA2)
4mA
44-TSOP2-400F/R
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
Clk gen.
Row
select
I/O1~I/O8
Data
cont
Data
cont
Data
cont
I/O9~I/O16
Vcc
Vss
Precharge circuit.
Memory array
1024 rows
512
×16 columns
I/O Circuit
Column select
PIN DESCRIPTION
WE
OE
UB
CS1
LB
Control Logic
CS2
Row
Addresses
Column Addresses
Name
Function
Name
Function
CS
Chip Select Input
Vcc
Power
OE
Output Enable Input
Vss
Ground
WE
Write Enable Input
UB
Upper Byte(I/O9~16)
A0~A18
Address Inputs
LB
Lower Byte(I/O1~8)
I/O1~I/O16
Data Inputs/Outputs
A4
A3
A2
A1
A0
CS
I/OI
I/O2
I/O3
I/O4
Vcc
Vss
I/O5
I/O6
I/O7
I/O8
WE
A18
A17
A16
A15
A5
A6
A7
OE
UB
LB
I/O16
I/O15
I/O14
I/O13
Vss
Vcc
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
44-TSOP2
Forward
44-TSOP2
Reverse
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A5
A6
A7
OE
UB
LB
I/O16
I/O15
I/O14
I/O13
Vss
Vcc
I/O12
I/O11
I/O10
I/O9
A8
A9
A10
A11
A12
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A14
A13
A12
A13
A4
A3
A2
A1
A0
CS
I/OI
I/O2
I/O3
I/O4
Vcc
Vss
I/O5
I/O6
I/O7
I/O8
WE
A18
A17
A16
A15
A14


Similar Part No. - K6F8016V3A-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B-F SAMSUNG-K6F8016R6B-F Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D-F SAMSUNG-K6F8016R6D-F Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F8016V3A-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016U6D SAMSUNG-K6F8016U6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6C SAMSUNG-DS_K6F8016U6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6D SAMSUNG-K6F8016R6D Datasheet
154Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016R6B SAMSUNG-K6F8016R6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016T6C SAMSUNG-K6F8016T6C Datasheet
173Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FV16AU EMLSI-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FU16 EMLSI-EM680FU16 Datasheet
76Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM681FV16AU ETC2-EM681FV16AU Datasheet
153Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM681FU16 EMLSI-EM681FU16 Datasheet
73Kb / 11P
   512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com