Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D28163HD-TC36 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4D28163HD-TC36
Description  128Mbit DDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D28163HD-TC36 Datasheet(HTML) 2 Page - Samsung semiconductor

  K4D28163HD-TC36 Datasheet HTML 1Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 2Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 3Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 4Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 5Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 6Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 7Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 8Page - Samsung semiconductor K4D28163HD-TC36 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
128M DDR SDRAM
K4D28163HD
- 2 -
Rev. 1.4(Aug. 2002)
Revision History
Revision 1.4 (August 13, 2002)
• Changed ICC3P
• Typo corrected
• Changed refresh period of K4D28163HD-TC36/40 from 4K/64ms to 4K/32ms.
Revision 1.3 (May 29, 2002)
• Added K4D28163HD-TC36 (275MHz)
Revision 1.2 (May 8, 2002)
• Typo corrected
Revision 1.1 (January 7, 2002)
• Increased Icc2N by 20mA
Revision 1.0 (December 22, 2001)
• Defined DC spec.
Revision 0.4 (December 10, 2001) - Target Spec
• Removed Full page Burst Length from the spec.
Revision 0.3 (November 6, 2001) - Target Spec
• Removed K4D28163HD-TC45/55 from the spec.
Revision 0.2 (October 25, 2001) - Target Spec
• Removed K4D28163HD-TC33/36 from the spec.
Revision 0.1 (October 12, 2001) - Target Spec
• Changed V DD from 3.3V + 10% to 3.3V + 5%
Revision 0.0 (October 10, 2001) - Target Spec
• Defined Target Specification


Similar Part No. - K4D28163HD-TC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D261638 SAMSUNG-K4D261638 Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E-TC2A SAMSUNG-K4D261638E-TC2A Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E-TC33 SAMSUNG-K4D261638E-TC33 Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4D261638E-TC36 SAMSUNG-K4D261638E-TC36 Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
More results

Similar Description - K4D28163HD-TC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
   128Mbit GDDR2 SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
H5MS1222EFP-Q3E HYNIX-H5MS1222EFP-Q3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
   128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com