Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V416VS10BEGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT71V416VS10BEGI
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V416VS10BEGI Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT71V416VS10BEGI Datasheet HTML 1Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 2Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 3Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 4Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 5Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 6Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 7Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 8Page - Integrated Device Technology IDT71V416VS10BEGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.42
8
IDT71V416VS, IDT71V416VL 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
X
Power
XX
Speed
XXX
Package
X
Process/
Temperature
Range
Blank
I
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Y
PH
BE
44-pin, 400-mil SOJ (SO44-1)
44-pin TSOP Type II (SO44-2)
48 Ball Grid Array
10*
12
15
71V416
Device
Type
IDT
Speed in nanoseconds
6478 drw 11a
* Commercial only for low power 10ns (L10) speed grade.
X
V die stepping
V
S
L
Standard Power
Low Power
X
G
Restricted hazardous
substance device
Ordering Information


Similar Part No. - IDT71V416VS10BEGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416L IDT-IDT71V416L Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L IDT-IDT71V416L Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71V416L IDT-IDT71V416L Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEG IDT-IDT71V416L10BEG Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - IDT71V416VS10BEGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com