Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4053B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IW4053B
Description  Analog Multiplexer Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IW4053B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IW4053B Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 4Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 5Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 6Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 7Page - List of Unclassifed Manufacturers IW4053B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IW4053B
2
INTEGRAL
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +20
V
VIN
DC Input Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±10
mA
PD
Power Dissipation in Still Air
500*
1
mW
Ptot
Power Dissipation per Output Transistor
100
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SO Package)
260
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
*
1 - for Plastic DIP from -55
° to +100°C, for SO Package from -55° to +65°C.
+Derating - Plastic DIP: - 12 mW/
°C from 100° to 125°C
SO Package: - 7 mW/
°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
3.0
18
V
VIN
DC Input Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND
≤(V
IN or
VOUT)
≤V
CC.
Unused digital pins must be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
Analog I/O pins may be left open or terminated.


Similar Part No. - IW4053B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053BD IKSEMICON-IW4053BD Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053BN IKSEMICON-IW4053BN Datasheet
194Kb / 7P
   Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results

Similar Description - IW4053B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com