Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8499IV Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8499IV
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8499IV Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8499IV Datasheet HTML 4Page - Intersil Corporation ISL8499IV Datasheet HTML 5Page - Intersil Corporation ISL8499IV Datasheet HTML 6Page - Intersil Corporation ISL8499IV Datasheet HTML 7Page - Intersil Corporation ISL8499IV Datasheet HTML 8Page - Intersil Corporation ISL8499IV Datasheet HTML 9Page - Intersil Corporation ISL8499IV Datasheet HTML 10Page - Intersil Corporation ISL8499IV Datasheet HTML 11Page - Intersil Corporation ISL8499IV Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6111.0
January 27, 2005
1V above GND. The low leakage current performance is
unaffected by this approach, but the switch signal range is
reduced and the resistance may increase, especially at low
supply voltages.
Power-Supply Considerations
The ISL8499 construction is typical of most single supply
CMOS analog switches, in that they have two supply pins:
V+ and GND. V+ and GND drive the internal CMOS
switches and set their analog voltage limits. Unlike switches
with a 4V maximum supply voltage, the ISL8499 4.7V
maximum supply voltage provides plenty of room for the
10% tolerance of 4.3V supplies, as well as room for
overshoot and noise spikes.
The minimum recommended supply voltage is 1.65V but will
operate with a supply voltage below 1.5V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
curves for details.
V+ and GND also power the internal logic and level shiftiers.
The level shiftiers convert the input logic levels to switched
V+ and GND signals to drive the analog switch gate
terminals.
This family of switches cannot be operated with bipolar
supplies, because the input switching point becomes
negative in this configuration.
Logic-Level Thresholds
This switch family is 1.8V CMOS compatible (0.5V and 1.4V)
over a supply range of 2.7V to 4.5V (see Figure 14). At 2.7V
the VIL level is about 0.52V. This is still above the 1.8V
CMOS guaranteed low output maximum level of 0.5V, but
noise margin is reduced.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails. Driving
the digital input signals from GND to V+ with a fast transition
time minimizes power dissipation. The ISL8499 has been
designed to minimize the supply current whenever the digital
input voltage is not driven to the supply rails (0V to V+). For
example driving the device with 2.85V logic (0V to 2.85V)
while operating with a 4.2V supply the device draws only
6
µA of current (see Figure 21 for VIN = 2.85V).
High-Frequency Performance
In 50
Ω systems, the signal response is reasonably flat even
past 30MHz with a -3dB bandwidth of 104MHz (see Figure
17). The frequency response is very consistent over a wide
V+ range, and for varying analog signal levels.
An OFF switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation is
the resistance to this feedthrough, while Crosstalk indicates
the amount of feedthrough from one switch to another.
Figure 18 details the high Off Isolation and Crosstalk
rejection provided by this part. At 100kHz, Off Isolation is
about 68dB in 50
Ω systems, decreasing approximately 20dB
per decade as frequency increases. Higher load
impedances decrease Off Isolation and Crosstalk rejection
due to the voltage divider action of the switch OFF
impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and GND. One of
these diodes conducts if any analog signal exceeds V+ or
GND.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or GND. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or GND and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and GND pins constitutes the analog-
signal-path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and V+ or GND.
FIGURE 8. OVERVOLTAGE PROTECTION
GND
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
ISL8499


Similar Part No. - ISL8499IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IV INTERSIL-ISL8499IV Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IV INTERSIL-ISL8499IV Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IV INTERSIL-ISL8499IV Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
logo
Renesas Technology Corp
ISL8499IV RENESAS-ISL8499IV Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL8499IV-T INTERSIL-ISL8499IV-T Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL8499IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com