Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V416VS10YGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71V416VS10YGI
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V416VS10YGI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71V416VS10YGI Datasheet HTML 1Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 2Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 3Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 4Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 5Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 6Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 7Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 8Page - Integrated Device Technology IDT71V416VS10YGI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SEPTEMBER 2004
DSC-6478/00
1
©2004 Integrated Device Technology, Inc.
Features
256K x 16 advanced high-speed CMOS Static RAM
JEDEC Center Power / GND pinout for reduced noise.
Equal access and cycle times
– Commercial and Industrial: 10/12/15ns
One Chip Select plus one Output Enable pin
Bidirectional data inputs and outputs directly
LVTTL-compatible
Low power consumption via chip deselect
Upper and Lower Byte Enable Pins
Single 3.3V power supply
Available in 44-pin, 400 mil plastic SOJ package and a 44-
pin, 400 mil TSOP Type II package and a 48 ball grid array,
9mm x 9mm package.
Description
The IDT71V416 is a 4,194,304-bit high-speed Static RAM organized
as256Kx16.ItisfabricatedusingIDT’shigh-perfomance,high-reliability
CMOStechnology.Thisstate-of-the-arttechnology,combinedwithinno-
vativecircuitdesigntechniques,providesacost-effectivesolutionforhigh-
speed memory needs.
The IDT71V416 has an output enable pin which operates as fast as
5ns,withaddressaccesstimesasfastas10ns.Allbidirectionalinputsand
outputs of the IDT71V416 are LVTTL-compatible and operation is from a
single 3.3V supply. Fully static asynchronous circuitry is used, requiring
no clocks or refresh for operation.
The IDT71V416 is packaged in a 44-pin, 400 mil Plastic SOJ and a
44-pin, 400 mil TSOP Type II package and a 48 ball grid array, 9mm x
9mmpackage.
Functional Block Diagram
Output
Enable
Buffer
Address
Buffers
Chip
Select
Buffer
Write
Enable
Buffer
Byte
Enable
Buffers
OE
A0 - A17
Row / Column
Decoders
CS
WE
BHE
BLE
4,194,304-bit
Memory
Array
Sense
Amps
and
Write
Drivers
16
High
Byte
Output
Buffer
High
Byte
Write
Buffer
Low
Byte
Write
Buffer
Low
Byte
Output
Buffer
8
8
8
8
8
8
8
8
I/O 15
I/O 8
I/O 7
I/O 0
6478 drw 01
3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
IDT71V416VS
IDT71V416VL


Similar Part No. - IDT71V416VS10YGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416L IDT-IDT71V416L Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L IDT-IDT71V416L Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71V416L IDT-IDT71V416L Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEG IDT-IDT71V416L10BEG Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - IDT71V416VS10YGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com