Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16400A Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC42S16400A
Description  1M x 16Bit x 4 Banks (64-MBIT) SDRAM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16400A Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC42S16400A Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16400A Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
IC42S16400A
2
Integrated Circuit Solution Inc.
DR039-0A 02/19/2004
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
• Single 3.3V (
± 0.3V) power supply
• High speed clock cycle time -6: 166MHz,
-7: 133MHz<3-3-3>
• Fully synchronous operation referenced to clock
rising edge
• Possible to assert random column access in
every cycle
• Quad internal banks contorlled by A12 & A13
(Bank Select)
• Byte control by LDQM and UDQM for
IC42S16400A
• Programmable Wrap sequence (Sequential /
Interleave)
• Programmable burst length (1, 2, 4, 8 and full
page)
• Programmable CAS latency (2 and 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• LVTTL compatible inputs and outputs
• 4,096 refresh cycles / 64ms
• Burst termination by Burst stop and Precharge
command
• Package 400mil 54-pin TSOP-2 and 60ball(64M)
VF-BGA
• Pb(lead)-free package is available
DESCRIPTION
The IC42S16400A are high-speed 67,108,864-bit syn-
chronous dynamic random-access memories, orga-
nized as 1,048,576 x 16 x 4 (word x bit x bank),
respectively.
The synchronous DRAMs achieved high-speed data
transfer using the pipeline architecture and clock
frequency up to 166MHz for -6. All input and outputs are
synchronized with the positive edge of the clock.The
synchronous DRAMs are compatible with Low Voltage
TTL (LVTTL).These products are packaged in 54-pin
TSOP-2 and 60ball(64M) VF-BGA.
1M x 16 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
VSS
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
PIN CONFIGURATIONS
54-Pin TSOP-2


Similar Part No. - IC42S16400A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BG ICSI-IC42S16400-6BG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6BIG ICSI-IC42S16400-6BIG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6T ICSI-IC42S16400-6T Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400-6TG ICSI-IC42S16400-6TG Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
More results

Similar Description - IC42S16400A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
K4S641632F SAMSUNG-K4S641632F Datasheet
133Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S641632D SAMSUNG-K4S641632D Datasheet
115Kb / 11P
   64Mbit SDRAM 1M x 16Bit x 4 Banks Synchronous DRAM LVTTL
logo
Integrated Circuit Solu...
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com