Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCGHA2C4711 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCGHA2C4711
Description  SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HCGHA2C4711 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCGHA2C4711 Datasheet HTML 1Page - List of Unclassifed Manufacturers HCGHA2C4711 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hitachi AIC Inc.
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Ripple current correction coefficient
Product Specifications
HCGHA Series
(Warranty of 2,000 hours at 105°C)
Features
• Warranty life of 2000 hours at 105°C through
improvement of electrolyte liquid
Ripple current should be under 60 Arms at M5 terminal in
accordance with from the permissible current.
Temperature (°C)
40
4.9
3.8
50/60
0.8
55
3.9
3.3
120
1.0
70
3.0
2.5
300
1.1
85
1.8
2.0
1K
1.3
105
1.0
1.0
≥10K
1.4
Correction
coefficient
250WV under
400WV
Frequency (Hz)
Correction coefficient
25V(1E)
10000
15000
22000
33000
47000
68000
100000
150000
220000
330000
36
×53
36
×83
36
×83
36
×100
51
×75
51
×115
64
×96
64
×115
77
×115
90
×131
A5
A8
A8
A10
C8R
C12R
D10R
D12R
E12R
F13R
0.35
0.35
0.35
0.40
0.40
0.50
0.60
0.80
1.00
1.00
02.9
04.2
05.1
06.3
08.0
10.0
11.3
12.9
14.8
19.9
HCGHA1E1031
HCGHA1E1531
HCGHA1E2231
HCGHA1E3331
HCGHA1E473Y
HCGHA1E683Y
HCGHA1E104Y
HCGHA1E154Y
HCGHA1E224Y
HCGHA1E334Y
35V(1V)
6800
10000
15000
22000
33000
47000
68000
100000
150000
220000
36
×53
36
×83
36
×83
36
×100
51
×75
51
×96
51
×115
64
×115
77
×115
90
×131
A5
A8
A8
A10
C8R
C10R
C12R
D12R
E12R
F13R
0.30
0.30
0.30
0.35
0.40
0.45
050
0.60
0.70
0.70
2.6
3.7
4.5
5.5
6.7
8.1
10.0
12.1
13.8
17.6
HCGHA1V6821
HCGHA1V1031
HCGHA1V1531
HCGHA1V2231
HCGHA1V333Y
HCGHA1V473Y
HCGHA1V683Y
HCGHA1V104Y
HCGHA1V154Y
HCGHA1V224Y
50V(1H)
3300
4700
6800
10000
15000
22000
33000
47000
68000
100000
150000
36
×53
36
×53
36
×83
36
×83
36
×100
51
×75
51
×115
64
×96
64
×115
77
×115
90
×131
A5
A5
A8
A8
A10
C8R
C12R
D10R
D12R
E12R
F13R
0.20
0.25
0.25
0.25
0.30
0.35
0.40
0.40
0.45
0.50
0.50
2.2
3.3
3.4
4.1
4.9
5.9
7.8
9.5
11.6
14.1
18.9
HCGHA1H3321
HCGHA1H4721
HCGHA1H6821
HCGHA1H1031
HCGHA1H1531
HCGHA1H223Y
HCGHA1H333Y
HCGHA1H473Y
HCGHA1H683Y
HCGHA1H104Y
HCGHA1H154Y
63V(1J)
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
100000
36
×53
36
×53
36
×83
36
×83
36
×100
51
×75
51
×96
64
×96
64
×115
77
×115
90
×131
A5
A5
A8
A8
A10
C8R
C10R
D10R
D12R
E12R
F13R
0.15
0.20
0.20
0.20
0.25
0.25
0.30
0.30
0.35
0.40
0.40
2.1
2.2
3.1
3.7
4.4
5.7
6.8
9.2
10.9
13.0
17.2
HCGHA1J2221
HCGHA1J3321
HCGHA1J4721
HCGHA1J6821
HCGHA1J1031
HCGHA1J153Y
HCGHA1J223Y
HCGHA1J333Y
HCGHA1J473Y
HCGHA1J683Y
HCGHA1J104Y
Standard value and case size
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Items
Temperature range
Capacitance tolerance
Rated voltage
Dissipation factor
Permissible ripple current
Others
High-temperature load
Leakage current
Specifications
–40°C ~ +105°C
±20% (20°C,120Hz)
25 ~ 400V.DC
JIS C 5101-4.
After the rated voltage (specified ripple current convolution) is applied at 105°C for 2000 hours:
Capacitance tolerance: ±15% or less of the initial value
Dissipation factor: 175% or less of the specified initial value
Leakage current: Specified initial value or less
Less than the value specified in the standard products table. (20˚C,120Hz)
As specified in the standard products table. (105˚C,120Hz)
0.01CV (µA) or 5mA, whichever is smaller or less
[C = nominal capacitance (µF), V = rated voltage (V)]
Attachment of legs
• See page 38 for shapes and dimensions.
• Product names in the Standard Units Rating Table correspond
to the attachment legs for Type Y (Type
Ι for ø36 only), but
Type
Ι attachment legs may be used (Shape Code = Ι ).
• If attachment legs are not necessary, enter "N" for the
attachment leg shape code.
• Attachment legs will be delivered separately.


Similar Part No. - HCGHA2C4711

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGHA2C471IA053PH AICTECH-HCGHA2C471IA053PH Datasheet
72Kb / 3P
   Useful of 4,000 hours at 105ºC
More results

Similar Description - HCGHA2C4711

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HCGF5A HITACHI-METALS-HCGF5A Datasheet
43Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
AIC tech Inc.
VFL AICTECH-VFL Datasheet
86Kb / 4P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HCGF6A ETC-HCGF6A Datasheet
199Kb / 1P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com