Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV219X Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV219X
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219X Datasheet(HTML) 2 Page - Supertex, Inc

  HV219X Datasheet HTML 1Page - Supertex, Inc HV219X Datasheet HTML 2Page - Supertex, Inc HV219X Datasheet HTML 3Page - Supertex, Inc HV219X Datasheet HTML 4Page - Supertex, Inc HV219X Datasheet HTML 5Page - Supertex, Inc HV219X Datasheet HTML 6Page - Supertex, Inc HV219X Datasheet HTML 7Page - Supertex, Inc HV219X Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HV219
A042705
2
Ordering Information
Package Options
VPP-VNN
Maximum Analog
Switch Voltage
28-lead plastic chip carrier PLCC
48-lead TQFP
Die
200V
180VP-P
HV219PJ
HV219FG
HV219X
Absolute Maximum Ratings*
VDD Logic supply
-0.5V to +15V
VPP-VNN differential supply
220V
VPP Positive supply
-0.5V to VNN+200V
VNN Negative supply
+0.5V to –200V
Logic input voltage
-0.5V to VDD+0.3V
Analog signal range
VNN to VPP
Peak analog signal current
3.0A
Storage temperature
-65°C to +125°C
28-Lead PLCC
1.2W
Power dissipation
48 Lead TQFP
1.0W
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur.
Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.
Operating Conditions
Symbol
Parameter
Value
VDD
Logic power supply
4.5V to 13.2V
VPP
Positive high voltage supply
40V to VNN+200V
VNN
Negative high voltage supply
-40V to -160V
VIH
Input logic voltage high
VDD-1.5V to VDD
VIL
Input logic voltage low
0V to 1.5V
VSIG
Analog signal voltage peak to peak
VNN+10V to VPP-10V
TA
Operating free air temperature
0°C to 70°C


Similar Part No. - HV219X

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219 SUTEX-HV219 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG SUTEX-HV219FG Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-G SUTEX-HV219FG-G Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219FG-GM931 SUTEX-HV219FG-GM931 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219X

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com