Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV219PJ Datasheet(PDF) 8 Page - Supertex, Inc

Part # HV219PJ
Description  Low Charge Injection 8-Channel High Voltage Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV219PJ Datasheet(HTML) 8 Page - Supertex, Inc

  HV219PJ Datasheet HTML 1Page - Supertex, Inc HV219PJ Datasheet HTML 2Page - Supertex, Inc HV219PJ Datasheet HTML 3Page - Supertex, Inc HV219PJ Datasheet HTML 4Page - Supertex, Inc HV219PJ Datasheet HTML 5Page - Supertex, Inc HV219PJ Datasheet HTML 6Page - Supertex, Inc HV219PJ Datasheet HTML 7Page - Supertex, Inc HV219PJ Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HV219
A042705
8
48-Pin TQFP
Pin Configuration
0
° - 7°
BSC
0.354
± 0.010
(8.992
± 0.254)
0.275
± 0.004
(6.985
± 0.102)
0.354
± 0.010
(8.992
± 0.254)
D1, E1
D, E
0.275
± 0.004
(6.985
± 0.1016)
A2
0.055
± 0.004
(1.397
± 0.102)
0.020
(0.508)
TYP.
0.039
(0.991)
A
0.059
± 0.004
(1.4986
± 0.102)
0.024
± 0.008
(0.610
± 0.2032)
L
Pin 1
top view
48-pin TQFP
Pin 12
HV219
48-Pin TQFP
Pin
Function
1
SW5
2
N/C
3
SW4
4
N/C
5
SW4
6
N/C
7
N/C
8
SW3
9
N/C
10
SW3
11
N/C
12
SW2
13
N/C
14
SW2
15
N/C
16
SW1
17
N/C
18
SW1
19
N/C
20
SW0
21
N/C
22
SW0
23
N/C
24
V
PP
Pin
Function
25
VNN
26
N/C
27
N/C
28
GND
29
VDD
30
N/C
31
N/C
32
N/C
33
DIN
34
CLK
35
LE
36
CLR
37
DOUT
38
N/C
39
SW7
40
N/C
41
SW7
42
N/C
43
SW6
44
N/C
45
SW6
46
N/C
47
SW5
48
N/C
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =
A042705


Similar Part No. - HV219PJ

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV219PJ SUTEX-HV219PJ Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ-G SUTEX-HV219PJ-G Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ-G SUTEX-HV219PJ-G Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
HV219PJ-GM904 SUTEX-HV219PJ-GM904 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results

Similar Description - HV219PJ

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com