Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMN1288D-70I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HMN1288D-70I
Description  Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN1288D-70I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HMN1288D-70I Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN1288D-70I Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HANBit
HMN1288D
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd
Rev. 1.0 (June, 2002)
GENERAL DESCRIPTION
The HMN1288D Nonvolatile SRAM is a 1,048,576-bit static RAM organized as 131,072 bytes by 8 bits.
The HMN1288D has a self-contained lithium energy source provide reliable non-volatility coupled with the unlimited write
cycles of standard SRAM and integral control circuitry, which constantly monitors the single 5V, supply for an out-of-
tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on to sustain the
memory until after VCC returns valid and write protection is unconditionally enabled to prevent garbled data. In addition the
SRAM is unconditionally write-protected to prevent an inadvertent write operation. At this time the integral energy source is
switched on to sustain the memory until after VCC returns valid.
The HMN1288D uses extremely low standby current CMOS SRAM’s, coupled with small lithium coin cells to provide non-
volatility without long write-cycle times and the write-cycle limitations associated with EEPROM.
FEATURES
w
Access time : 70, 85, 120, 150 ns
w
High-density design : 1Mbit Design
w
Battery internally isolated until power is applied
w
Industry-standard 32-pin 128K x 8 pinout
w
Unlimited write cycles
w
Data retention in the absence of VCC
w
10-years minimum data retention in absence of power
w
Automatic write-protection during power-up/power-down
cycles
w
Data is automatically protected during power loss
w
Conventional SRAM operation; unlimited write cycles
OPTIONS
MARKING
w
Timing
70 ns
- 70
85 ns
- 85
120 ns
-120
150 ns
-150
PIN ASSIGNMENT
1
32
12
21
14
19
15
18
10
23
11
22
13
20
2
31
3
30
4
29
6
27
9
24
7
26
5
28
8
25
16
17
A0
A7
A5
A4
A6
A1
A3
A2
A12
A14
A16
NC
DQ0
DQ1
DQ2
VSS
A11
A8
A9
A10
A13
A15
NC
DQ3
DQ4
DQ5
DQ6
DQ7
VCC
/CE
/WE
/OE
32-pin Encapsulated Package
Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
Part No. HMN1288D


Similar Part No. - HMN1288D-70I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1288D-70I HANBIT-HMN1288D-70I Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results

Similar Description - HMN1288D-70I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com