Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCGHA1J2221 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HCGHA1J2221
Description  SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HCGHA1J2221 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HCGHA1J2221 Datasheet HTML 1Page - List of Unclassifed Manufacturers HCGHA1J2221 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hitachi AIC Inc.
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
80V(1K)
2200
3300
4700
6800
10000
15000
22000
33000
47000
68000
36
×53
36
×83
36
×83
36
×100
51
×75
51
×96
64
×96
77
×96
77
×115
90
×131
A5
A8
A8
A10
C8R
C10R
D10R
E10R
E12R
F13R
0.15
0.15
0.15
0.20
0.20
0.25
0.25
0.30
0.30
0.30
2.1
3.0
3.6
4.0
5.2
6.2
8.2
9.7
12.5
16.4
HCGHA1K2221
HCGHA1K3321
HCGHA1K4721
HCGHA1K6821
HCGHA1K103Y
HCGHA1K153Y
HCGHA1K223Y
HCGHA1K333Y
HCGHA1K473Y
HCGHA1K683Y
100V(2A)
1000
1500
2200
3300
4700
6800
10000
15000
22000
33000
47000
36
×53
36
×53
36
×83
36
×83
36
×100
51
×75
51
×96
64
×96
77
×96
77
×130
90
×131
A5
A5
A8
A8
A10
C8R
C10R
D10R
E10R
E13R
F13R
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.25
0.25
1.4
1.7
2.5
3.0
3.9
5.0
6.5
7.6
9.7
11.8
15.0
HCGHA2A1021
HCGHA2A1521
HCGHA2A2221
HCGHA2A3321
HCGHA2A4721
HCGHA2A682Y
HCGHA2A103Y
HCGHA2A153Y
HCGHA2A223Y
HCGHA2A333Y
HCGHA2A473Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
160V(2C)
470
680
1000
1500
2200
3300
4700
6800
10000
15000
22000
36
×53
36
×53
36
×83
36
×83
36
×100
51
×75
51
×96
64
×96
77
×96
77
×130
90
×131
A5
A5
A8
A8
A10
C8R
C10R
D10R
E10R
E13R
F13R
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
01.0
01.1
01.7
02.0
02.7
03.5
04.4
05.9
07.6
10.3
13.2
HCGHA2C4711
HCGHA2C6811
HCGHA2C1021
HCGHA2C1521
HCGHA2C2221
HCGHA2C332Y
HCGHA2C472Y
HCGHA2C682Y
HCGHA2C103Y
HCGHA2C153Y
HCGHA2C223Y
200V(2D)
330
470
680
1000
1500
2200
3300
4700
6800
10000
15000
36
×53
36
×53
36
×53
36
×83
36
×100
51
×75
51
×96
64
×96
64
×115
77
×115
90
×131
A5
A5
A5
A8
A10
C8R
C10R
D10R
D12R
E12R
F13R
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
00.8
01.0
01.1
01.7
02.2
02.8
03.7
04.9
06.3
08.1
10.9
HCGHA2D3311
HCGHA2D4711
HCGHA2D6811
HCGHA2D1021
HCGHA2D1521
HCGHA2D222Y
HCGHA2D332Y
HCGHA2D472Y
HCGHA2D682Y
HCGHA2D103Y
HCGHA2D153Y
250V(2E)
330
470
680
1000
1500
2200
3300
4700
6800
10000
15000
36
×53
36
×53
36
×83
36
×100
51
×75
51
×96
64
×96
64
×115
77
×115
77
×155
90
×157
A5
A5
A8
A10
C8R
C10R
D10R
D12R
E12R
E16R
F16R
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
00.8
01.0
01.4
01.9
02.3
03.1
04.2
05.4
06.9
09.3
12.2
HCGHA2E3311
HCGHA2E4711
HCGHA2E6811
HCGHA2E1021
HCGHA2E152Y
HCGHA2E222Y
HCGHA2E332Y
HCGHA2E472Y
HCGHA2E682Y
HCGHA2E103Y
HCGHA2E153Y
400V(2G)
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
51
×75
51
×96
51
×115
51
×130
64
×96
64
×115
64
×130
64
×155
77
×115
64
×195
77
×130
64
×195
77
×155
90
×157
90
×157
90
×196
C8R
C10R
C12R
C13R
D10R
D12R
D13R
D16R
E12R
D20R
E13R
D20R
E16R
F16R
F16R
F20R
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
02.5
03.0
03.6
04.1
04.5
05.3
06.2
07.2
06.8
08.7
07.8
09.6
09.2
10.7
11.8
14.1
HCGHA2G102Y
HCGHA2G122Y
HCGHA2G152Y
HCGHA2G182Y
HCGHA2G222Y
HCGHA2G272Y
HCGHA2G332Y
HCGHA2G392YD
HCGHA2G392YE
HCGHA2G472YD
HCGHA2G472YE
HCGHA2G562YD
HCGHA2G562YE
HCGHA2G682Y
HCGHA2G822Y
HCGHA2G103Y
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
105°C,120Hz
Product name


Similar Part No. - HCGHA1J2221

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGHA1J222IA053PH AICTECH-HCGHA1J222IA053PH Datasheet
72Kb / 3P
   Useful of 4,000 hours at 105ºC
More results

Similar Description - HCGHA1J2221

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HCGF5A HITACHI-METALS-HCGF5A Datasheet
43Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
AIC tech Inc.
VFL AICTECH-VFL Datasheet
86Kb / 4P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HCGF6A ETC-HCGF6A Datasheet
199Kb / 1P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com