Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCGF6A2G103YF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCGF6A2G103YF
Description  SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HCGF6A2G103YF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCGF6A2G103YF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
Items
Temperature range
Capacitance tolerance
Rated voltage
Dissipation factor
Permissible ripple current
Others
High-temperature load
Leakage current
Specifications
–25°C ~ +85°C
±20% (20°C,120Hz)
400 ~ 500V.DC
JIS C 5101-4.
After the rated voltage (specified ripple current convolution) is applied at 85°C for 2000 hours:
Capacitance tolerance: ±15% or less of the initial value
Dissipation factor: 175% or less of the specified initial value
Leakage current: Specified initial value or less
Temperature (°C)
40
60
70
85
Correction coefficient
1.0
0.75
0.62
0.37
Frequency (Hz)
50/60
120
300
1K
≥10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
Ripple current correction coefficient
HCGF6A Series
(Warranty of 2,000 hours at 85°C)
Features
• The size is reduced by about 14% of the HCGF5 type
and the rating 500 V DC is added in the series. A super
large case product of ø100 is also added.
∗( ) case code : If two types of shape exist for the same rating, enter the first
English letter of case code.
Type of series
Case code (
∗)
Type of bracket code
Capacitance code
Rated voltage code
Terminal code A (screw)
Product symbol : (Example) HCGF6 Series A case 400V 10,000
µF±20%
HCGF6 A 2G 103 Y ( )
Product Specifications
Ripple current should be under 60Arms at M5 (100Arms at M6 for G case)
in accordance with from the permissible current.
400V(2G)
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
051
×115
051
×130
064
×960
064
×960
064
×115
064
×130
077
×115
077
×130
077
×155
077
×195
090
×131
090
×157
090
×196
090
×236
101
×175
101
×237
C12R
C13R
D10R
D10R
D12R
D13R
E12R
E13R
E16R
E20R
F13R
F16R
F20R
F24R
G18R
G24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
16.5
19.2
18.7
20.7
24.1
27.8
30.6
35.4
41.6
50.5
45.8
53.8
65.7
77.7
69.8
86.8
HCGF6A2G222Y
HCGF6A2G272YC
HCGF6A2G272YD
HCGF6A2G332Y
HCGF6A2G392Y
HCGF6A2G472Y
HCGF6A2G562Y
HCGF6A2G682Y
HCGF6A2G822Y
HCGF6A2G103YE
HCGF6A2G103YF
HCGF6A2G123Y
HCGF6A2G153Y
HCGF6A2G183YF
HCGF6A2G183YG
HCGF6A2G223Y
450V(2W)
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
051
×115
051
×130
064
×960
064
×960
064
×115
064
×130
077
×115
077
×130
077
×155
077
×195
090
×131
090
×171
090
×196
101
×175
090
×236
101
×195
101
×237
C12R
C13R
D10R
D10R
D12R
D13R
E12R
E13R
E16R
E20R
F13R
F17R
F20R
G18R
F24R
G20R
G24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
14.9
17.3
16.9
18.7
22.2
25.3
28.1
32.1
37.9
45.8
41.5
50.6
58.7
57.0
70.9
66.5
78.5
HCGF6A2W182Y
HCGF6A2W222YC
HCGF6A2W222YD
HCGF6A2W272Y
HCGF6A2W332Y
HCGF6A2W392Y
HCGF6A2W472Y
HCGF6A2W562Y
HCGF6A2W682Y
HCGF6A2W822YE
HCGF6A2W822YF
HCGF6A2W103Y
HCGF6A2W123YF
HCGF6A2W123YG
HCGF6A2W153YF
HCGF6A2W153YG
HCGF6A2W183Y
500V(2H)
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
051
×115
064
×960
051
×130
064
×960
064
×115
064
×130
077
×115
077
×130
077
×155
077
×171
090
×131
077
×195
090
×157
090
×171
090
×196
101
×175
090
×236
101
×195
101
×237
C12R
D10R
C13R
D10R
D12R
D13R
E12R
E13R
E16R
E17R
F13R
E20R
F16R
F17R
F20R
G18R
F24R
G20R
G24R
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
12.2
12.5
14.3
13.9
16.4
19.0
21.3
24.6
28.7
32.9
31.4
37.8
36.7
41.8
48.5
47.1
57.9
54.3
64.1
HCGF6A2H122YC
HCGF6A2H122YD
HCGF6A2H152YC
HCGF6A2H152YD
HCGF6A2H182Y
HCGF6A2H222Y
HCGF6A2H272Y
HCGF6A2H332Y
HCGF6A2H392Y
HCGF6A2H472YE
HCGF6A2H472YF
HCGF6A2H562YE
HCGF6A2H562YF
HCGF6A2H682Y
HCGF6A2H822YF
HCGF6A2H822YG
HCGF6A2H103YF
HCGF6A2H103YG
HCGF6A2H123Y
Standard value and case size
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
40°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
40°C,120Hz
Product name
Rated Voltage
V. DC
Capacitance
(µF)
Case size
øDXL(mm)
Case code
tan
δ
20°C,120Hz
Ripple carrent
(Arms)
40°C,120Hz
Product name
Less than the value specified in the standard products table. (20˚C,120Hz)
As specified in the standard products table. (40˚C,120Hz)
0.01CV (µA) or 5mA, whichever is smaller or less
[C = nominal capacitance (µF), V = rated voltage (V)]
Attachment of legs
• See page 38 for shapes and dimensions.
• Product names in the Standard Units Rating Table correspond
to the attachment legs for Type Y (Type
Ι for ø36 only), but
Type
Ι attachment legs may be used (Shape Code = Ι ).
• If attachment legs are not necessary, enter "N" for the
attachment leg shape code.
• Attachment legs will be delivered separately.


Similar Part No. - HCGF6A2G103YF

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HCGF6A2G103YF131PH AICTECH-HCGF6A2G103YF131PH Datasheet
65Kb / 2P
   Useful of 4,000 hours at 85ºC
More results

Similar Description - HCGF6A2G103YF

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HCGF5A HITACHI-METALS-HCGF5A Datasheet
43Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HCGHA ETC-HCGHA Datasheet
211Kb / 2P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
AIC tech Inc.
VFL AICTECH-VFL Datasheet
86Kb / 4P
   SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com