Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-2110 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HDSP-2110
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2110 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDSP-2110 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2110 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Package Dimensions
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID
STATIC DISCHARGE.
Absolute Maximum Ratings
Supply Voltage, V
DD to Ground
[1] ........................................ -0.3 to 7.0 V
Operating Voltage, V
DD to Ground
[2] .............................................. 5.5 V
Input Voltage, Any Pin to Ground .............................. -0.3 to V
DD +0.3 V
Free Air Operating Temperature Range, T
A
[3] ................ -45
°C to +85°C
Storage Temperature Range, T
S .................................. -55°C to +100°C
Relative Humidity (non-condensing) ............................................... 85%
Maximum Solder Temperature
(Below Seating Plane), t < 5 sec .............................................. 260
°C
ESD Protection @ 1.5 k
Ω, 100 pF ........................ V
Z = 4 kV (each pin)
Notes:
1. Maximum Voltage is with no LEDs illuminated.
2. 20 dots ON in all locations at full brightness.
3. Maximum supply voltage is 5.25 V for operation above 70
°C.


Similar Part No. - HDSP-2110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2110 AVAGO-HDSP-2110 Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2110 AVAGO-HDSP-2110 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2110 AVAGO-HDSP-2110 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com