Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7ET-N1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # H7ET-N1
Description  Self-powered Time Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H7ET-N1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  H7ET-N1 Datasheet HTML 1Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 2Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 3Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 4Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 5Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 6Page - List of Unclassifed Manufacturers H7ET-N1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Self-powered Time Counter
H7ET
C-19
I Characteristics
Note: Weight includes waterproof packing and flush mounting bracket.
I Reference Value
Item
H7ET-NV
@-@
H7ET-NV
@-H@
H7ET-NFV
@-@
H7ET-N
@-@
Time accuracy
±100 ppm (25°C)
Insulation resistance
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts, and between the backlight pow-
er supply and timer input terminals/re-
set terminals for backlight models
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts and between timer input termi-
nals and reset terminals
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min be-
tween current-carrying metal parts and
exposed non-current-carrying metal
parts and between the backlight power
supply and timer input terminals/reset
terminals for backlight models
3,700 VAC, 50/60 Hz for 1 min be-
tween timer input terminals and ex-
posed non-current-carrying metal
parts
2,200 VAC, 50/60 Hz for 1 min be-
tween reset terminals and exposed
non-current-carrying metal parts and
between timer input terminals and re-
set terminals
1,000 VAC, 50/60 Hz for 1 min be-
tween current-carrying metal parts and
exposed non-current-carrying metal
parts
Impulse withstand
voltage
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
3 kV between timer input terminals and
reset terminals
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
µs, 1-ns rise)
±600 V (Between timer input terminals/
Between reset terminals)
±480 V (Between the backlight power
supply terminals for backlight models)
±1.5 kV (Between timer input termi-
nals)
±500 V (Between reset terminals)
±500 V (Between timer input terminals/
Between reset terminals)
Static immunity
±8 kV (malfunction)
Vibration resistance
Malfunction: 0.15-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Destruction: 0.375-mm single amplitude at 10 to 55 Hz for 2 hrs each in 3 directions
Shock resistance
Malfunction: 200 m/s2 3 times each in 6 directions
Destruction: 300 m/s2 3 times each in 6 directions
EMC
(EMI)
EN61326
Emission Enclosure:
EN55011 Group 1 class B
(EMS)
EN61326
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:
EN61000-4-3: 10 V/m (900 MHz
± 5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power line (level 3)
2 kV I/O signal line (level 4)
Degree of protection
Front panel:
IP66, NEMA4 with waterproof packing
Terminal block: IP20
Weight (see note)
No-backlight model: Approx. 60 g
Backlight model: Approx. 65 g
Approx. 60 g
Approx. 60 g
Item
Value
Note
Battery life
10 years min. with continuous input at
25
°C (lithium battery)
The battery life is calculated according to the conditions in the left column and
therefore is not a guaranteed value. Use these value as reference for mainte-
nance or replacement.


Similar Part No. - H7ET-N1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7ET-N1 OMRON-H7ET-N1 Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7ET-N1-B OMRON-H7ET-N1-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
More results

Similar Description - H7ET-N1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
   Peak Time Counter
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com