Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H7ET-N-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H7ET-N-B
Description  Self-powered Time Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H7ET-N-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H7ET-N-B Datasheet HTML 1Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 2Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 3Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 4Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 5Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 6Page - List of Unclassifed Manufacturers H7ET-N-B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C-18
Self-powered Time Counter
H7ET
Specifications
I General
Note: 1. Only PNP/NPN universal DC voltage input models (-H models) have a backlight.
2. “-hours”, “-d-h”, “-h-m”, and “-h-m-s” labels are included.
I Ratings
Item
H7ET-NV-
@
H7ET-NV-
@H
H7ET-NFV-
@
H7ET-N-
@
H7ET-NV1-
@
H7ET-NV1-
@H
H7ET-NFV1-
@
H7ET-N1-
@
Operating mode
Accumulating
Mounting method
Flush mounting
External connections
Screw terminals
Reset
External/Manual reset
Display
7-segment LCD with or without backlight, zero suppression (character height: 8.6 mm) (see note 1)
Number of digits
7
Time range
0.0h to 999999.9h
←→ 0.0h to 3999d23.9h
(switchable with switch)
0s to 999h59min59s
←→ 0.0min to 9999h59.9min
(switchable with switch)
Timer input
PNP/NPN univer-
sal DC voltage in-
put
AC/DC multi-volt-
age input
No-voltage input
PNP/NPN univer-
sal DC voltage in-
put
AC/DC multi-volt-
age input
No-voltage input
Case color
Light gray or black (-B models)
Attachment
Waterproof packing, flush mounting bracket, time unit labels (see note 2)
Approved standard
UL863, CSA C22.2 No.14, Lloyds
Conforms to EN61010-1/IEC61010-1 (pollution degree2/overvoltage category III)
Conforms to VDE0106/P100
Item
H7ET-NV
@-@
H7ET-NV
@-@H
H7ET-NFV
@-@
H7ET-N
@-@
Supply voltage
Backlight model: 24 VDC (0.3 W max.)
(for backlight)
No-backlight model: Not required (pow-
ered by built-in battery)
Not required (powered by built-in battery)
Timer input
High (logic) level: 4.5 to 30 VDC
Low (logic) level: 0 to 2 VDC
(Input impedance: Approx. 4.7 k
Ω)
High (logic) level: 24 to 240 VAC/VDC,
50/60 Hz
Low (logic) level: 0 to 2.4 VAC/VDC, 50/
60 Hz
No voltage input
Maximum short-circuit impedance:
10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 750 k
Ω min.
Reset input
No voltage input
Maximum short-circuit impedance:
10 k
Ω max.
Short-circuit residual voltage: 0.5 V max.
Minimum open impedance: 750 k
Ω min.
Minimum pulse
width
1 s
Reset system
External reset and manual reset: Minimum signal width of 20 ms
Terminal screw
tightening torque
0.98 N·m max.
Ambient tempera-
ture
Operating: -10
°C to 55°C (with no condensation or icing)
Storage:
-25
°C to 65°C (with no condensation or icing)
Ambient humidity
Operating: 25% to 85%


Similar Part No. - H7ET-N-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7ET-N-B OMRON-H7ET-N-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
More results

Similar Description - H7ET-N-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
   Peak Time Counter
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com