Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66730A00FS Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD66730A00FS
Description  Dot-Matrix Liquid Crystal Display Controller/Driver Supporting Japanese Kanji, Korean Font Display
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66730A00FS Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD66730A00FS Datasheet HTML 3Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 4Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 5Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 6Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 7Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 8Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 9Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 10Page - Hitachi Semiconductor HD66730A00FS Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
HD66730/HD66731
7
The Location of Bonding Pads (HD66730)
1 pin
128 pin
Type code
HD66730
99 pin
35 pin
68 pin
Chip size (X
× Y):
Coordinate:
Origin:
Pad size (X
× Y):
7.48
× 6.46 mm2
Pad center
Chip center
100
× 100 µm2
4 pin
Y
X
HCD66730
(unit:
µm)
Pin
Coordinate
Pin
Coordinate
Pin
Coordinate
No. Function
X
Y
No. Function
X
Y
No. Function
X
Y
1
SEG34
–2602
3012
31
SEG64
–3522
–2183
61
C2
1896
–2959
2
SEG35
–2984
3012
32
SEG65
–3522
–2364
62
C1
2057
–2959
3
SEG36
–3263
3012
33
SEG66
–3522
–2544
63
V5OUT2
2219
–2959
4
SEG37
–3522
3012
34
SEG67
–3522
–2774
64
V5OUT3
2478
–2959
5
SEG38
–3522
2782
35
SEG68
–3522
–2984
65
V5
2782
–2984
6
SEG39
–3522
2582
36
SEG69
–3160
–2984
66
V4
3016
–2984
7
SEG40
–3522
2341
37
SEG70
–2860
–2984
67
V3
3253
–2984
8
SEG41
–3522
2161
38
SEG71
–2660
–2984
68
V2
3522
–2984
9
SEG42
–3522
1981
39
V
CC
–2435
–2984
69
V1
3522
–2806
10
SEG43
–3522
1801
40
RESET*
–2233
–2984
70
COM25/D
3522
–2626
11
SEG44
–3522
1621
41
OSC2
–2063
–2984
71
COM24
3522
–2445
12
SEG45
–3522
1440
42
OSC1
–1859
–2984
72
COM23
3522
–2265
13
SEG46
–3522
1260
43
CL1
–1689
–2984
73
COM22
3522
–2085
14
SEG47
–3522
1030
44
CL2
–1519
–2984
74
COM21
3522
–1855
15
SEG48
–3522
800
45
SEGD
–1349
–2984
75
COM20
3522
–1625
16
SEG49
–3522
620
46
M
–1179
–2984
76
COM19
3522
–1444
17
SEG50
–3522
439
47
RW/SID
–975
–2984
77
COM18
3522
–1264
18
SEG51
–3522
259
48
RS/CS*
–771
–2984
78
COM17
3522
–1084
19
SEG52
–3522
79
49
E/SCLK
–567
–2984
79
COM16
3522
–854
20
SEG53
–3522
–101
50
IM
–363
–2984
80
COM15
3522
–624
21
SEG54
–3522
–281
51
DB0/SOD
–146
–2984
81
COM14
3522
–443
22
SEG55
–3522
–462
52
DB1
71
–2984
82
COM13
3522
–263
23
SEG56
–3522
–642
53
DB2
287
–2984
83
COM12
3522
–83
24
SEG57
–3522
–822
54
DB3
504
–2984
84
COM11
3522
97
25
SEG58
–3522
–1002
55
DB4
721
–2984
85
COM10
3522
277
26
SEG59
–3522
–1182
56
DB5
938
–2984
86
COM9
3522
458
27
SEG60
–3522
–1363
57
DB6
1154
–2984
87
COM8
3522
638
28
SEG61
–3522
–1543
58
DB7
1371
–2984
88
COM7
3522
818
29
SEG62
–3522
–1723
59
GND
1533
–2984
89
COM6
3522
998
30
SEG63
–3522
–1939
60
Vci
1730
–2959
90
COM5
3522
1178


Similar Part No. - HD66730A00FS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66732 HITACHI-HD66732 Datasheet
5Mb / 131P
   Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
More results

Similar Description - HD66730A00FS

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com